Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 343 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 343 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 339Page - Renesas Technology Corp 7641 Datasheet HTML 340Page - Renesas Technology Corp 7641 Datasheet HTML 341Page - Renesas Technology Corp 7641 Datasheet HTML 342Page - Renesas Technology Corp 7641 Datasheet HTML 343Page - Renesas Technology Corp 7641 Datasheet HTML 344Page - Renesas Technology Corp 7641 Datasheet HTML 345Page - Renesas Technology Corp 7641 Datasheet HTML 346Page - Renesas Technology Corp 7641 Datasheet HTML 347Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 64 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.5 Control registers
Special count source mode register
b7 b6 b5 b4 b3 b2 b1 b0
Special count source mode register
(SCSGM : address 2F16)
b
0
00
00
Name
0
Functions
At reset R W
0
0
0
0
0
SCSG2 data write control
bit
SCSGCLK output control
bit
0 : Writing data into both timer latch and
timer simultaneously
1 : Writing data into timer latch
0 : Writing data into both timer latch and
timer simultaneously
1 : Writing data into timer latch
0 : SCSGCLK output disabled
(SCSG1 and SCSG2 counts stop)
1 : SCSGCLK output enabled
5
6
7
0
0
SCSG1 count stop bit
0 : Count start
1 : Count stop
0
SCSG1 data write control
bit
Fix these bits to “0”.
3
4
1
2
UARTx mode register
b7 b6 b5 b4 b3 b2 b1 b0
UARTx (x = 1, 2) mode register
(UxMOD : addresses 3016, 3816)
b
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
0
UART clock prescaling
select bits (PS)
Parity select bit (PMD)
Parity enable bit (PEN)
Stop bit length select bit
(STB)
0 :
φ
1 : SCSGCLK output
b2b1
0 0 : UART clock divided by 1
0 1 : UART clock divided by 8
1 0 : UART clock divided by 32
1 1 : UART clock divided by 256
0 : 1 stop bit
1 : 2 stop bits
0 : Even parity
1 : Odd parity
0 : Parity checking disabled
1 : Parity checking enabled
5
0
UART character length
select bit (LE1, 0)
6
7
0
UART clock select bit
(CLK)
3
b7b6
0 0 : 7 bits
0 1 : 8 bits
1 0 : 9 bits
1 1 : Not available
Fig. 3.5.29 Structure of Special count source mode register
Fig. 3.5.30 Structure of UARTx (x = 1, 2) mode register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com