Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 340 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 340 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 336Page - Renesas Technology Corp 7641 Datasheet HTML 337Page - Renesas Technology Corp 7641 Datasheet HTML 338Page - Renesas Technology Corp 7641 Datasheet HTML 339Page - Renesas Technology Corp 7641 Datasheet HTML 340Page - Renesas Technology Corp 7641 Datasheet HTML 341Page - Renesas Technology Corp 7641 Datasheet HTML 342Page - Renesas Technology Corp 7641 Datasheet HTML 343Page - Renesas Technology Corp 7641 Datasheet HTML 344Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 61 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.5 Control registers
Timer 123 mode register
b7 b6 b5 b4 b3 b2 b1 b0
Timer 123 mode register
(T123M : address 2916)
b
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
Timer 1 count stop bit
Timer 2 count source
select bit
Timer 3 count source
select bit
Timer 1 count source
select bit
0 : Timer 1 output
1 : Timer 2 output
0 : Count start
1 : Count stop
0 :
φ / 8
1 : f(XCIN) / 2
0 : Timer 1 output
1 :
φ
0 : Timer 1 output
1 :
φ / 8
5
0
TOUT output active edge
switch bit
0 : Start at “H” output
1 : Start at “L” output
6
7
0
TOUT output control bit
Timers 1, 2 write control bit
0 : TOUT output disabled
1 : TOUT output enabled
0 : Write value in latch and counter
1 : Write value in latch only
0
TOUT factor select bit
3
Serial I/O shift register
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O shift register
(SIOSHT: address 2A16)
b
0
Undefined
Functions
At reset R W
1
Undefined
2
Undefined
3
Undefined
4
Undefined
5
Undefined
6
Undefined
7
Undefined
qAt transmitting
Writing transmitted data to this register starts transmitting operation.
qAt receiving
Read received data through this register.
Fig. 3.5.23 Structure of Timer 123 mode register
Fig. 3.5.24 Structure of Serial I/O shift register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com