Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 337 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 333Page - Renesas Technology Corp 7641 Datasheet HTML 334Page - Renesas Technology Corp 7641 Datasheet HTML 335Page - Renesas Technology Corp 7641 Datasheet HTML 336Page - Renesas Technology Corp 7641 Datasheet HTML 337Page - Renesas Technology Corp 7641 Datasheet HTML 338Page - Renesas Technology Corp 7641 Datasheet HTML 339Page - Renesas Technology Corp 7641 Datasheet HTML 340Page - Renesas Technology Corp 7641 Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 58 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.5 Control registers
Fig. 3.5.19 Structure of Timer Y
Timer Y (low, high)
b7 b6 b5 b4 b3 b2 b1 b0
Timer YL, Timer YH
(TYL, TYH: addresses 2216, 2316)
b
0
1
Functions
At reset R W
1
2
3
4
5
6
7
qTimer Y’s count value is set through this register.
qTimer Y is a down-count timer.
qWhen reading this register’s address, the timer Y’s count value is
read out.
1
1
1
1
1
1
1
Notes 1: Read and write operation to timer X must be performed for both high and low-order bytes.
2: When reading timer X, read the high-order byte first and then the low-order byte.
3: When writing to timer X, write the low-order byte first and then the high-order byte.
4: Do not read this register during the write operation, or do not write during the read operation.
Timer i (i = 1 to 3)
b7 b6 b5 b4 b3 b2 b1 b0
Timer 1, Timer 2, Timer 3
(T1, T2, T3: addresses 2416, 2516, 2616)
b
0
(Note)
Functions
At reset R W
1
2
3
4
5
6
7
qTimer i’s count value is set through this register.
qTimer 1 and Timer 2
Writing operation depends on the timers 1, 2 write control bit.
When it is “0”, the values are simultaneously written into their
latches and counters.
When it is “1”, the values are written into only their latches.
qTimer 3
The values are simultaneously written into their latches and
counters.
qWhen reading this register’s address, its timer’s count values are
read out.
qThe timer causes an underflow at the count pulse following the
count where the timer contents reaches “0016”. Then The contents
of latches are automatically reloaded into the timer.
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
Note: Timer 1 and Timer 3’s values are “FF16”. Timer 2 ’s value are “0116”.
Fig. 3.5.20 Structure of Timer i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com