Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 334 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 334 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 330Page - Renesas Technology Corp 7641 Datasheet HTML 331Page - Renesas Technology Corp 7641 Datasheet HTML 332Page - Renesas Technology Corp 7641 Datasheet HTML 333Page - Renesas Technology Corp 7641 Datasheet HTML 334Page - Renesas Technology Corp 7641 Datasheet HTML 335Page - Renesas Technology Corp 7641 Datasheet HTML 336Page - Renesas Technology Corp 7641 Datasheet HTML 337Page - Renesas Technology Corp 7641 Datasheet HTML 338Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 55 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.5 Control registers
Port control register
b7 b6 b5 b4 b3 b2 b1 b0
Port control register
(PTC : address 1016)
b
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
5
0
0 : Disabled
1 : Enabled
6
0
Port P2 input level select
bit
0 : Reduced VIHL level input (Note 2)
1 : CMOS level input
7
0
Master CPU bus input
level select bit
0 : CMOS level input
1 : TTL level input
Port P0 to P3 slew rate
control bit (Note 1)
Port P4 slew rate control
bit (Note 1)
Port P5 slew rate control
bit (Note 1)
Port P6 slew rate control
bit (Note 1)
Port P7 slew rate control
bit (Note 1)
Port P8 slew rate control
bit (Note 1)
3
Notes 1: The slew rate function can reduce di/dt by modifying an internal buffer structure.
2: The characteristics of VIHL level is basically the same as that of TTL level. But, its
switching center point is a little higher than TTL’s.
Interrupt polarity select register
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt polarity select register
(IPOL : address 1116)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
INT0 interrupt edge select
bit
0 : Falling edge active
1 : Rising edge active
0 : Falling edge active
1 : Rising edge active
INT1 interrupt edge select
bit
0
00 0 0 00
Fix these bits to “0”.
Fig. 3.5.13 Structure of Port control register
Fig. 3.5.14 Structure of Interrupt polarity select register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com