Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 335 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 335 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 331Page - Renesas Technology Corp 7641 Datasheet HTML 332Page - Renesas Technology Corp 7641 Datasheet HTML 333Page - Renesas Technology Corp 7641 Datasheet HTML 334Page - Renesas Technology Corp 7641 Datasheet HTML 335Page - Renesas Technology Corp 7641 Datasheet HTML 336Page - Renesas Technology Corp 7641 Datasheet HTML 337Page - Renesas Technology Corp 7641 Datasheet HTML 338Page - Renesas Technology Corp 7641 Datasheet HTML 339Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 56 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.5 Control registers
Port P2 pull-up control register
b7 b6 b5 b4 b3 b2 b1 b0
Port P2 pull-upt control register
(PUP2 : address 1216)
b
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
5
0
0 : Disabled
1 : Enabled
6
0
Port P26 pull-up control bit
0 : Disabled
1 : Enabled
7
0
Port P27 pull-up control bit
0 : Disabled
1 : Enabled
Port P20 pull-up control bit
Port P21 pull-up control bit
Port P22 pull-up control bit
Port P23 pull-up control bit
Port P24 pull-up control bit
Port P25 pull-up control bit
3
USB control register
b7 b6 b5 b4 b3 b2 b1 b0
USB control register
(USBC : address 1316)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
USB line driver current
control bit (USBC3)
USB line driver supply
enable bit (USBC4) (Note 1)
USB SOF port select bit
(USBC6)
USB artificial SOF enable
bit (USBC2)
0 : In default state after power-on/reset
1 : In default state after USB reset signal
received
0 : Artificial SOF disabled
1 : Artificial SOF enabled
0 : High current mode
1 : Low current mode
0 : Line driver disabled
1 : Line driver enabled
0 : 48 MHz clock to the USB block disabled
1 : 48 MHz clock to the USB block enabled
0 : SOF output disabled
1 : SOF output enabled
USB enable bit (USBC7)
0 : USB block disabled (Note 2)
1 : USB block enabled
USB default state selection
bit (USBC1)
USB clock enable bit
(USBC5)
0
0
Fix this bit to “0”.
Notes 1: When using the MCU in Vcc = 3.3 V, set this bit to “0” and disable the built-in DC-
DC converter.
2: Setting this bit to 0” causes the contents of all USB registers to have the values at
reset.
Fig. 3.5.15 Structure of Port P2 pull-up control register
Fig. 3.5.16 Structure of USB control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com