Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 172Page - Renesas Technology Corp 7641 Datasheet HTML 173Page - Renesas Technology Corp 7641 Datasheet HTML 174Page - Renesas Technology Corp 7641 Datasheet HTML 175Page - Renesas Technology Corp 7641 Datasheet HTML 176Page - Renesas Technology Corp 7641 Datasheet HTML 177Page - Renesas Technology Corp 7641 Datasheet HTML 178Page - Renesas Technology Corp 7641 Datasheet HTML 179Page - Renesas Technology Corp 7641 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 45 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.3 Serial I/O
Figure 2.3.11 shows the registers setting for the transmitter, and Figure 2.3.12 shows a setting of
serial I/O transmission data.
Fig. 2.3.11 Registers setting for transmitter
Fig. 2.3.12 Setting of serial I/O transmission data
SRDY output selected
STXD, SCLK output selected
0
Serial I/O interrupt : Disabled
ICONC
Interrupt control register C (Address : 0716)
Set P31 output level to “H”.
P3
Port P3 (Address : 0E16)
10
0
SIOCON1
Serial I/O control register 1 (Address : 2B16)
0
0
11
Internal synchronous clock : Internal clock/32
LSB first
Synchronous clock : Internal clock
0
b7b0
1
b7b0
b7b0
STXD pin : CMOS output
Normal serial I/O mode
b7b0
Serial I/O control register 2 (Address : 2C16)
SIOCON2
10
10
0
01
0
Serial I/O internal clock :
φ
SRXD input enabled
Set P31 to output mode.
P3D
Port P3 direction register (Address : 0F16)
1
b7b0
Set a transmission data.
Confirm that transmission of the previous data is
completed (Serial I/O interrupt request bit is “1”)
before writing data.
SIOSHT
Serial I/O shift register (Address : 2A16)
b7b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com