Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 174Page - Renesas Technology Corp 7641 Datasheet HTML 175Page - Renesas Technology Corp 7641 Datasheet HTML 176Page - Renesas Technology Corp 7641 Datasheet HTML 177Page - Renesas Technology Corp 7641 Datasheet HTML 178Page - Renesas Technology Corp 7641 Datasheet HTML 179Page - Renesas Technology Corp 7641 Datasheet HTML 180Page - Renesas Technology Corp 7641 Datasheet HTML 181Page - Renesas Technology Corp 7641 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 47 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.3 Serial I/O
(2) Serial communication using SPI compatible mode
qExplanation of SPI compatible mode
Setting the SPI mode select bit (bit 0 of SIOCON2) to “1” puts the serial I/O in SPI compatible
mode. The synchronous clock select bit (bit 6 of SIOCON1) determines whether the serial I/O is
an SPI master or slave. When the external clock is selected (“0”), the serial I/O is in slave mode;
when the internal clock is selected (“1”), the serial I/O is in master mode.
In SPI compatible mode the SRXD pin functions as a MISO (Master In/Slave Out) pin and the
STXD pin functions as a MOSI (Master Out/Slave In) pin.
In slave mode the transmit data is output from the MISO pin and the receive data is input from
the MISO pin. The SRDY pin functions as the chip-select signal input pin from an external.
In master mode the transmit data is output from the MOSI pin and the receive data is input from
the MISO pin. The SRDY pin functions as the chip-select signal output pin to an external.
qSlave mode operation
In slave mode of SPI compatible mode 4 types of clock polarity and clock phase can be usable
by bits 3 and 4 of serial I/O control register 2.
If the SRDY pin is held “H”, the shift clock is inhibited, the serial I/O counter is set to “7”. If the
SRDY pin is held “L”, then the shift clock will start.
Make sure during transfer to maintain the SRDY input at “L” and not to write data to the serial
I/O counter.
Outline : Serial communication is performed between 7641 group MCUs, using SPI compatible
mode.
Specifications : • Synchronous clock frequency : 187.5 kHz (f(XIN) = 24 MHz )
• Transfer direction : LSB first
Figure 2.3.14 shows a connection diagram; Figure 2.3.15 shows the registers setting for SPI compatible
mode; Figures 2.3.16 and 2.3.17 show a control procedure of SPI compatible mode.
P80/UTXD2/SRDY
P81/URXD2/SCLK
P82/CTS2/MISO
P83/RTS2/MOSI
7641 group
CS
CLK
DATA
DATA
Master unit
Slave unit
P80/UTXD2/SRDY
P81/URXD2/SCLK
P82/CTS2/MISO
P83/RTS2/MOSI
7641 group
Fig. 2.3.14 Connection diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com