Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 182 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 178Page - Renesas Technology Corp 7641 Datasheet HTML 179Page - Renesas Technology Corp 7641 Datasheet HTML 180Page - Renesas Technology Corp 7641 Datasheet HTML 181Page - Renesas Technology Corp 7641 Datasheet HTML 182Page - Renesas Technology Corp 7641 Datasheet HTML 183Page - Renesas Technology Corp 7641 Datasheet HTML 184Page - Renesas Technology Corp 7641 Datasheet HTML 185Page - Renesas Technology Corp 7641 Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 51 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.3 Serial I/O
2.3.5 Notes on serial I/O
(1) Clock
When the external clock is selected as the transfer clock, its transfer clock needs to be controlled
by the external source because the serial I/O shift register will keep being shifted while transfer clock
is input even after transfer completion.
(2) Reception
When the external clock is selected as the transfer clock for reception, the receiving operation will
start owing to the shift clock input even if write operation to the serial I/O shift register (SIOSHT) is
not performed. The serial I/O interrupt request also occurs at completion of receiving. However, we
recommend to write dummy data in the serial I/O shift register. Because this will cause followings
and improve transfer reliability.
•Write to SIOSHT puts the SRDY pin to “L”. This enables shift clock output of an external device.
•Write to SIOSHT clears the internal serial I/O counter.
Note: Do not read the serial I/O shift register which is shifting. Because this will cause incorrect-data
read.
(3) STXD output
•When the internal clock is selected as the transfer clock, the STXD pin goes a high-impedance state
after transfer completion.
•When the external clock is selected as the transfer clock, the STXD pin does not go a high-
impedance state after transfer completion.
(4) SPI compatible mode
•When using the SPI compatible mode, set the SRDY select bit to “1” (SRDY signal output).
•When the external clock is selected in SPI compatible mode, the SRXD pin functions as a data
output pin and the STXD pin functions as a data input pin.
•Do not write to the serial I/O shift register (SIOSHT) during a transfer as slave when in SPI compatible
mode.
•Master operation of SPI compatible mode requires the timings:
-From write operation to the SIOSHT to SRDY pin put to “L”
Requires 2 cycles of internal clock
φ + 2 cycles of serial I/O synchronous clock + 35 ns
-From SRDY pin put to “L” to SCLK switch
Requires 35 ns
-From the last pulse of SCLK to SRDY pin put to “H”
Requires 35 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com