Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 176Page - Renesas Technology Corp 7641 Datasheet HTML 177Page - Renesas Technology Corp 7641 Datasheet HTML 178Page - Renesas Technology Corp 7641 Datasheet HTML 179Page - Renesas Technology Corp 7641 Datasheet HTML 180Page - Renesas Technology Corp 7641 Datasheet HTML 181Page - Renesas Technology Corp 7641 Datasheet HTML 182Page - Renesas Technology Corp 7641 Datasheet HTML 183Page - Renesas Technology Corp 7641 Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 49 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.3 Serial I/O
Fig. 2.3.16 Control procedure of SPI compatible mode in slave
q x: This bit is not used here. Set it to “0” or “1” arbitrarily.
0
1
IREQC (Address : 0416), bit3?
Initialization
SIOCON1
SIOCON2
IREQC
ICONC
(Address : 2B16)
(Address : 2C16)
(Address : 0416), bit3
(Address : 0716), bit3
00011XXX2
000111X12
IREQC (Address : 0416), bit3
SIOSHT (Address : 2A16)
Transmi-
ssion data
•Serial I/O interrupt request bit set to “0”
•Serial I/O interrupt disabled
RESET
0
0
•Serial I/O set
CLI
0
•Transmission data write
(Do not set data during data reception.)
•Judgment of completion of receiving
1-byte data
•Transmission/Reception starts owing to “L” input
to P80/UTXD2/SRDY pin or shift clock input.
Slave Unit
Read out received data from SIOSHT
(Address : 2A16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com