Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 179Page - Renesas Technology Corp 7641 Datasheet HTML 180Page - Renesas Technology Corp 7641 Datasheet HTML 181Page - Renesas Technology Corp 7641 Datasheet HTML 182Page - Renesas Technology Corp 7641 Datasheet HTML 183Page - Renesas Technology Corp 7641 Datasheet HTML 184Page - Renesas Technology Corp 7641 Datasheet HTML 185Page - Renesas Technology Corp 7641 Datasheet HTML 186Page - Renesas Technology Corp 7641 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 52 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.4 UART
2.4 UART
This paragraph explains the registers setting method and the notes related to the UART.
2.4.1 Memory map
Fig. 2.4.1 Memory map of registers related to UART
UART1 mode register (U1MOD)
Interrupt control register A (ICONA)
003016
UART1 baud rate generator (U1BRG)
003116
UART1 status register (U1STS)
003216
UART2 mode register (U2MOD)
003816
UART2 baud rate generator (U2BRG)
003916
UART2 status register (U2STS)
003A16
003316
003416
UART1 control register (U1CON)
UART1 transmit/receive buffer register 1 (U1TRB1)
UART1 transmit/receive buffer register 2 (U1TRB2)
003516
UART1 RTS control register (U1RTSC)
003616
003B16
003C16
UART2 control register (U2CON)
UART2 transmit/receive buffer register 1 (U2TRB1)
UART2 transmit/receive buffer register 2 (U2TRB2)
003D16
UART2 RTS control register (U2RTSC)
003E16
000516
Interrupt control register B (ICONB)
000616
Interrupt request register A (IREQA)
000216
Interrupt request register B (IREQB)
000316
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com