Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 182Page - Renesas Technology Corp 7641 Datasheet HTML 183Page - Renesas Technology Corp 7641 Datasheet HTML 184Page - Renesas Technology Corp 7641 Datasheet HTML 185Page - Renesas Technology Corp 7641 Datasheet HTML 186Page - Renesas Technology Corp 7641 Datasheet HTML 187Page - Renesas Technology Corp 7641 Datasheet HTML 188Page - Renesas Technology Corp 7641 Datasheet HTML 189Page - Renesas Technology Corp 7641 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 55 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.4 UART
Fig. 2.4.4 Structure of UARTx (x = 1, 2) status register
UARTx status register
b7 b6 b5 b4 b3 b2 b1 b0
UARTx (x = 1, 2) status register
(UxSTS : addresses 3216, 3A16)
b
0
1
2
4
Name
1
Functions
At reset R W
1
0
0
0
Transmit buffer empty flag
(TBE)
Parity error flag (PER)
Framing error flag (FER)
Receive buffer full flag
(RBF)
0 : Transmit shift in progress
1 : Transmit shift completed
0 : Buffer full
1 : Buffer empty
0 : Buffer empty
1 : Buffer full
0 : No error
1 : Parity error
0 : No error
1 : Framing error
5
0
Overrun error flag (OER)
0 : No error
1 : Overrun error
6
7
0
Summing error flag (SER)
0 : (PER) U (FER) U (OER) = 0
1 : (PER) U (FER) U (OER) = 1
0
Transmit complete flag
(TCM)
Nothing is arranged for this bit. This is a write disable bit. When this
bit is read out, the contents are “0”.
3
✕
✕
✕
✕
✕
✕
✕
✕
Fig. 2.4.5 Structure of UARTx (x = 1, 2) RTS control register
UARTx RTS control register
b7 b6 b5 b4 b3 b2 b1 b0
UARTx (x = 1, 2) RTS control register
(UxRTSC : addresses 3616, 3E16)
b
0
1
4
Name
0
Functions
At reset R W
0
0
Fix these bits to “0”.
5
RTS assertion delay count
select bits (RTS)
7
3
2
0
0
0
0
0
b7b6b5b4
0 0 0 0 : No delay; Assertion immediately
0 0 0 1 : 8-bit term assertion at “H”
0 0 1 0 : 16-bit term assertion at “H”
0 0 1 1 : 24-bit term assertion at “H”
0 1 0 0 : 32-bit term assertion at “H”
0 1 0 1 : 40-bit term assertion at “H”
0 1 1 0 : 48-bit term assertion at “H”
0 1 1 1 : 56-bit term assertion at “H”
1 0 0 0 : 64-bit term assertion at “H”
1 0 0 1 : 72-bit term assertion at “H”
1 0 1 0 : 80-bit term assertion at “H”
1 0 1 1 : 88-bit term assertion at “H”
1 1 0 0 : 96-bit term assertion at “H”
1 1 0 1 : 104-bit term assertion at “H”
1 1 1 0 : 112-bit term assertion at “H”
1 1 1 1 : 120-bit term assertion at “H”
6
0
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com