Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 260Page - Renesas Technology Corp 7641 Datasheet HTML 261Page - Renesas Technology Corp 7641 Datasheet HTML 262Page - Renesas Technology Corp 7641 Datasheet HTML 263Page - Renesas Technology Corp 7641 Datasheet HTML 264Page - Renesas Technology Corp 7641 Datasheet HTML 265Page - Renesas Technology Corp 7641 Datasheet HTML 266Page - Renesas Technology Corp 7641 Datasheet HTML 267Page - Renesas Technology Corp 7641 Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 133 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.10 External devices connection
(5) RDY function
When using RDY function in usual connection, it does not operate at 12 MHz of
φ or faster.
[Reason]
td(
φ-AH) + tsu(RDY-φ) = 31 ns (max.) + 21 ns (min.) = 52 ns.
twh (
φ), twl (φ) = 0.5 ✕ 83.33 – 5 = 36.665 ns
Therefore, it becomes 52 ns > 36.665 ns, so that the timing to enter RDY wait does not match.
________
However, if the timings can match owing to RDY pin by “L” fixation and others, the RDY function can
be used even at
φ = 12 MHz. In this situation the slow memory wait always functions.
(6) Wait function
The Wait function is serviceable at accessing an external memory in the memory expansion mode
and microprocessor mode. However, in these modes even if an external memory is assigned to
addresses 000816 to 000F16, the Wait function cannot function to these areas.
(7) Processor mode switch
Note when the processor mode is switched by setting of the processor mode bits (b1, b0 of CPMA),
that will immediately switch the accessible memory from external to internal or from internal to
external. If this is done, the first cycle of the next instruction will be operated from the accidental
memory.
To prevent this problem, follow the procedure below:
(a) Duplicate the next instruction at the same address both in internal and external memories.
(b) Switch from single-chip mode to memory expansion mode, jump to external memory, and then
switch from memory expansion mode to microprocessor mode. (Because in general, the problem
will not occur when switching the modes as long as the same memory is accessed after the
switch.
(c) Load a simple program in RAM that switches the modes, jump to RAM and execute the program,
then jump to the location of the code to run after the processor mode has switched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com