Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 268 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 268 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 264Page - Renesas Technology Corp 7641 Datasheet HTML 265Page - Renesas Technology Corp 7641 Datasheet HTML 266Page - Renesas Technology Corp 7641 Datasheet HTML 267Page - Renesas Technology Corp 7641 Datasheet HTML 268Page - Renesas Technology Corp 7641 Datasheet HTML 269Page - Renesas Technology Corp 7641 Datasheet HTML 270Page - Renesas Technology Corp 7641 Datasheet HTML 271Page - Renesas Technology Corp 7641 Datasheet HTML 272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 137 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.12 Clock generating circuit
Fig. 2.12.4 Structure of Frequency synthesizer control register
Frequency synthesizer control register
b7 b6 b5 b4 b3 b2 b1 b0
Frequency synthesizer control register
(FSC : address 6C16)
b
0
0
0
0
1
2
Name
0
Functions
At reset R W
0
0
0
1
1
Frequency synthesizer
input bit (FIN)
LPF current control bit
(CHG1, CHG0) (Note)
0 : Disabled
1 : Enabled
0 : f(XIN)
1 : f(XCIN)
5
6
7
0
Frequency synthesizer
lock status bit
0 : Unlocked
1 : Locked
0
Frequency synthesizer
enable bit (FSE)
Fix this bit to “0”.
Fix these bits to “0”.
3
4
b1b0
0 0 : Not available
0 1 : Low current
1 0 : Intermediate current (recommended)
1 1 : High current
Note: Bits 6 and 5 are set to (bit 6, bit 5) = (1, 1) at reset.
When using the frequency synthesizer, we recommend to set to (bit 6, bit 5) = (1, 0) after
locking the frequency synthesizer.
Frequency synthesizer multiply register 1
b7 b6 b5 b4 b3 b2 b1 b0
Frequency synthesizer multiply register 1
(FSM1: address 6D16)
b
0
1
Functions
At reset R W
1
1
2
1
3
1
4
1
5
1
6
1
7
1
qfVCO clock is generated by multiplying fPIN clock, which is generated
by FSM2, by the contents of this register:
fVCO = fPIN • {2(n +1)}, n: value set to FSM1.
Fig. 2.12.5 Structure of Frequency synthesizer multiply register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com