Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 267Page - Renesas Technology Corp 7641 Datasheet HTML 268Page - Renesas Technology Corp 7641 Datasheet HTML 269Page - Renesas Technology Corp 7641 Datasheet HTML 270Page - Renesas Technology Corp 7641 Datasheet HTML 271Page - Renesas Technology Corp 7641 Datasheet HTML 272Page - Renesas Technology Corp 7641 Datasheet HTML 273Page - Renesas Technology Corp 7641 Datasheet HTML 274Page - Renesas Technology Corp 7641 Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 140 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.12 Clock generating circuit
2.12.4 Wait mode
The Wait mode is set by execution of the WIT instruction. In Wait mode, oscillation continues, but the
internal clock
φ stops at the “H” level.
The CPU stops, but most of the peripheral units continue operating.
(1) State in Wait mode
Table 2.12.2 shows the state in Wait mode.
Table 2.12.2 State in Wait mode
Item
Oscillation
CPU
Internal clock
φ
I/O ports
Timer
UART
DMAC
Serial I/O
USB
RAM
SFR
CPU registers
State in Wait mode
Oparating.
Stopped.
Stopped at “H” level.
Retains the state at the WIT instruction execution.
Operating.
Operating.
Stopped.
Operating.
Operating.
Retained.
Retained.
Retained: Accumulator, Index register X, Index register Y, Stack
pointer, Program counter, Processor status register.
(2)
Release of wait mode
The Wait mode is released by reset input or by the occurrence of an interrupt request.
In Wait mode oscillation is continued, so that an instruction can be executed immediately after the
Wait mode is released.
These interrupt sources can be used for restoration:
•INT0, INT1
•CNTR0, CNTR1
•Timers
•Serial I/Os
•UART
•DMAC
•Key-on wake-up
•Master CPU bus interface
•USB function
•USB SOF
However, when using any of these interrupt requests for restoration from Stop mode, in order to
enable the selected interrupt, set the following conditions before execution of WIT instruction.
[Necessary register setting]
➀ Interrupt request bit of interrupt source to be used for restoration = “0” (no interrupt request issued)
➁ Interrupt enable bit of interrupt source to be used for restoration = “1” (interrupts enabled)
➂ Interrupt disable flag I = “0” (interrupt enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com