Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 266Page - Renesas Technology Corp 7641 Datasheet HTML 267Page - Renesas Technology Corp 7641 Datasheet HTML 268Page - Renesas Technology Corp 7641 Datasheet HTML 269Page - Renesas Technology Corp 7641 Datasheet HTML 270Page - Renesas Technology Corp 7641 Datasheet HTML 271Page - Renesas Technology Corp 7641 Datasheet HTML 272Page - Renesas Technology Corp 7641 Datasheet HTML 273Page - Renesas Technology Corp 7641 Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 139 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.12 Clock generating circuit
Item
Oscillation
CPU
Internal clock
φ
I/O ports
Timer
UART
DMAC
Serial I/O
USB
RAM
SFR
CPU registers
State in Stop mode
Stopped.
Stopped.
Stopped at “H” level.
Retains the state at the STP instruction execution.
When using internal count source: Stopped.
When using external count source: Operating.
Stopped.
Stopped.
When using internal syncronous clock: Stopped.
When using external syncronous clock: Operating.
Stopped.
Retained.
Retained (except for Timer 1, Timer 2).
Retained: Accumulator, Index register X, Index register Y, Stack
pointer, Program counter, Processor status register.
2.12.3 Stop mode
The Stop mode is set by executing the STP instruction. In Stop mode, the oscillation of both clocks (XIN–
XOUT, XCIN–XCOUT) stop and the internal clock
φ stops at the “H” level. The CPU stops and peripheral units
stop operating. As a result, power dissipation is reduced.
(1) State in Stop mode
Table 2.12.1 shows the state in Stop mode.
Table 2.12.1 State in Stop mode
(2) Release of Stop mode
The Stop mode is released by a reset input or by the occurrence of an interrupt request.
These interrupt sources can be used for restoration:
•INT0, INT1
•CNTR0, CNTR1
•Timers X, Y using an external count source
•Serial I/Os using an external clock
•Key-on wake-up
•USB function resume
However, when using any of these interrupt requests for restoration from Stop mode, in order to
enable the selected interrupt, set the following conditions before execution of STP instruction.
[Necessary register setting]
➀ Timer 1 interrupt enable bit (b6 of ICONB) = “0” (interrupt disabled)
➁ Timer 2 interrupt enable bit (b7 of ICONB) = “0” (interrupt disabled)
➂ Timer 1 interrupt request bit (b6 of IREQB) = “0” (no interrupt request issued)
➃ Timer 2 interrupt request bit (b7 of IREQB) = “0” (no interrupt request issued)
➄ Interrupt request bit of interrupt source to be used for restoration = “0” (no interrupt request issued)
➅ Interrupt enable bit of interrupt source to be used for restoration = “1” (interrupts enabled)
➆ Interrupt disable flag I = “0” (interrupt enabled)
(3) Notes on STP instruction
•Execution of STP instruction clears the timer 123 mode register (address 2916) except bit 4 to “0”.
•When using fSYN as the internal system clock, switch to f(XIN) or f(XCIN) before execution of STP instruction.
•Execution of STP instruction clears bit 7 of clock control register to “0” (f(XIN)/2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com