Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 261 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 257Page - Renesas Technology Corp 7641 Datasheet HTML 258Page - Renesas Technology Corp 7641 Datasheet HTML 259Page - Renesas Technology Corp 7641 Datasheet HTML 260Page - Renesas Technology Corp 7641 Datasheet HTML 261Page - Renesas Technology Corp 7641 Datasheet HTML 262Page - Renesas Technology Corp 7641 Datasheet HTML 263Page - Renesas Technology Corp 7641 Datasheet HTML 264Page - Renesas Technology Corp 7641 Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 130 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.10 External devices connection
AB0 to AB7
(Port P0)
S
(AB15)
WR
ta(OE)
50 ns (max.)
AB8 to AB14
(Port P1)
OE
(RD of 7641)
DB0 to DB7
(Port P2)
Lower address
Upper address
twl(RD)
(1 + 0.5) • 83.33 ns – 5 ns (min.)
tsu(DB-RD)
13 ns (min.)
“H” level
td(AH-RD), td(AL-RD) : AB15-AB8, AB7-AB0 valid time before RD of 7641 group
twl(RD)
: RD pulse width of 7641 group
ta(OE)
: Output enable access time of M5M256BP-10
tsu(DB-RD) : Data bus setup time before RD of 7641 group
f(XIN) = 24 MHz
Vcc = 5 V
td(AH-RD): 0.5 • 83.33 ns – 28 ns (min.)
td(AL-RD): 0.5 • 83.33 ns – 30 ns (min.)
AB0 to AB7
(Port P0)
CE
WR
AB8 to AB14
(Port P1)
OE
(RD of 7641)
DB0 to DB7
(Port P2)
Lower address
Upper address
“H” level
tPHL
5.8 ns
(max.)
ta(OE)
50 ns (max.)
twl(RD)
(1 + 0.5) • 83.33 ns – 5 ns (min.)
tsu(DB-RD)
13 ns (min.)
td(AH-RD), td(AL-RD) : AB15-AB8, AB7-AB0 valid time before RD of 7641 group
twl(RD)
: RD pulse width of 7641 group
tPHL
: Output delay time of 74F04
ta(OE)
: Output enable access time of M5M27C256AK-10
tsu(DB-RD) : Data bus setup time before RD of 7641 group
f(XIN) = 24 MHz
Vcc = 5 V
td(AH-RD): 0.5 • 83.33 ns – 28 ns (min.)
td(AL-RD): 0.5 • 83.33 ns – 30 ns (min.)
Fig. 2.10.11 Read cycle (OE access, SRAM)
Fig. 2.10.12 Read cycle (OE access, EPROM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com