Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 254Page - Renesas Technology Corp 7641 Datasheet HTML 255Page - Renesas Technology Corp 7641 Datasheet HTML 256Page - Renesas Technology Corp 7641 Datasheet HTML 257Page - Renesas Technology Corp 7641 Datasheet HTML 258Page - Renesas Technology Corp 7641 Datasheet HTML 259Page - Renesas Technology Corp 7641 Datasheet HTML 260Page - Renesas Technology Corp 7641 Datasheet HTML 261Page - Renesas Technology Corp 7641 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 127 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.10 External devices connection
2.10.6 Expanded data memory access
In Expanded Data Memory Access Mode (EDMA mode), the MCU can access a data area larger than 64
Kbytes with the LDA ($zz), Y (indirect Y) instruction and the STA ($zz), Y (indirect Y) instruction. It is only
able to store and read data for the expanded data memory area. The access can be performed with T flag
= “0” or “1”. (T flag is Index X mode flag.)
To use this mode, set the expanded data memory access bit (b4 of CPMB) to “1”. In this case, EDMA pin
(port P40) goes “L” level during the read/write cycle of the LDA or STA instruction. The determination of
which bank to access is done by using an I/O port to represent expanded addresses exceeding address
bus (AB15)16. This signal and the port output signal are put together, and it becomes the chip select
(selecting a bank, expanded memory).
In EDMA mode, the area from addresses 000016 to FFFF16 can be accessed. When accessing a bank,
follow this procedure (four banks are assumed):
- Bank specification (Data output to the port for a bank setup 16 (AB16), and 16 (AB17)). The user must
setup 16 (AB16), and 16 (AB17).
__________
- Enabling EDMA output. (Set b4 of CPMB to “1”.)
- Executing LDA ($zz), Y (indirect Y) (In the case of read data of expanded data memory)
The data of the address (bank 0) + Y stored in the internal RAM address ($zz) are loaded to the accumulator.
Figure 2.10.8 shows a connection example of memory access up to 256 Kbytes.
EDMA
RD
WR
CS0
CS1
CS2
CS3
DB0 to DB7
P80
P81
AB0 to AB15
8
16
BANK0
BANK1
BANK2
BANK3
E
74HC139
7641 group
Decoder
64K RAM
64K RAM
64K RAM
64K RAM
Fig. 2.10.8 Connection example of memory access up to 256 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com