Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 252Page - Renesas Technology Corp 7641 Datasheet HTML 253Page - Renesas Technology Corp 7641 Datasheet HTML 254Page - Renesas Technology Corp 7641 Datasheet HTML 255Page - Renesas Technology Corp 7641 Datasheet HTML 256Page - Renesas Technology Corp 7641 Datasheet HTML 257Page - Renesas Technology Corp 7641 Datasheet HTML 258Page - Renesas Technology Corp 7641 Datasheet HTML 259Page - Renesas Technology Corp 7641 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 125 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.10 External devices connection
(3) Software wait + Extended RDY wait
Extended RDY wait (software wait plus RDY input anytime wait) is selected by setting “11” to the
slow memory wait mode select bits (b3, b2 of CPMB). The read/write cycle can be extended when
a fixed time (tsu) of “L” is input to the RDY pin at the beginning of a read/write cycle (before
φ cycle
falls). The RDY pin state is checked continually at each fall of
φ cycle until the RDY pin goes to “H”
and the cycle keeps being extended. When a fixed time of “H” (tsu) is input to the RDY pin at the
beginning of a read/write cycle (before
φ cycle falls), the MCU is released from the wait within 1, 2,
or 3
φ cycles as selected with the slow memory wait bits (b1, b0 of CPMB).
Figure 2.10.6 shows the extended RDY wait (software wait plus RDY input anytime wait) timing
example
Fig. 2.10.6 Extended RDY wait (software wait plus RDY input anytime wait) timing example
IN
IN
OUT
φOUT
ADOUT
DB IN/OUT
RD
WR
<< No Wait >>
Address
Address
1 bus cycle
RDY
<< Wait >>
1 bus cycle
φOUT
ADOUT
DB IN/OUT
RD
WR
Address
tsu
1234
tsu
tsu
tsu
Note: This example is the 1-cycle extended RDY wait (RD).
The 1-cycle extended RDY wait (WR) is the same timing as this.
Refer to Chapter 1 “Slow Memory Wait in PROCESSOR MODE” for 2- and 3-cycle
extended RDY wait timings.
1. When a fixed time (tsu) of “L” is input to the RDY pin before
φ falls, the MCU goes to RDY state.
2. The RDY pin state is checked continually at each fall of
φ cycle.
3. The RDY pin is “L” at the
φ fall of the end of the current wait time, so that the read/write cycle is
extended for one wait once again.
4. When a fixed time (tsu) of “H” is input to the RDY pin before
φ falls, the RDY state is released after
the current wait time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com