Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 249Page - Renesas Technology Corp 7641 Datasheet HTML 250Page - Renesas Technology Corp 7641 Datasheet HTML 251Page - Renesas Technology Corp 7641 Datasheet HTML 252Page - Renesas Technology Corp 7641 Datasheet HTML 253Page - Renesas Technology Corp 7641 Datasheet HTML 254Page - Renesas Technology Corp 7641 Datasheet HTML 255Page - Renesas Technology Corp 7641 Datasheet HTML 256Page - Renesas Technology Corp 7641 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 122 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.10 External devices connection
2.10.3 Functional description
This MCU starts its operation in the single-chip mode just after reset.
(1) Memory expansion mode
This mode is selected by setting “01” to the processor mode bits (b1, b0 of CPMA) in software with
CNVSS connected to VSS.
In this mode, the ports function as follows:
Ports P0 and P1 as address buses (AB0 to AB15)
Port P2 as data buses (DB0 to DB7)
______
______
Ports P33 to P37 as DMAOUT,
φOUT, SYNCOUT, WR, RD pins respectively.
This mode enables external memory expansion while maintaining the validity of the internal ROM.
(2) Microprocessor mode
This mode is selected by resetting the MCU with CNVSS connected to VCC, or by setting “10” to the
processor mode bits (b1, b0 of CPMA) in software with CNVSS connected to VSS. The function is the
same as that of memory expansion mode.
In the microprocessor mode, the internal ROM is no longer valid and an external memory must be
used.
Do not set this mode in the flash memory version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com