Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 250 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 250 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 246Page - Renesas Technology Corp 7641 Datasheet HTML 247Page - Renesas Technology Corp 7641 Datasheet HTML 248Page - Renesas Technology Corp 7641 Datasheet HTML 249Page - Renesas Technology Corp 7641 Datasheet HTML 250Page - Renesas Technology Corp 7641 Datasheet HTML 251Page - Renesas Technology Corp 7641 Datasheet HTML 252Page - Renesas Technology Corp 7641 Datasheet HTML 253Page - Renesas Technology Corp 7641 Datasheet HTML 254Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 119 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.9 Special count source generator (SCSG)
2.9.3 Functional description
The special count source generator, SCSG, consists of two 8-bit timers: SCSG1 and SCSG2. The output
of the special count source generator can be used as a clock source for the timer X, serial I/O and two
UARTs (UART1 and UART2).
(1) SCSG1
The SCSG1 is a 8-bit down-count timer. An output from SCSG1 is used as an count source of
SCSG2. The division ratio of SCSG1 is given by 1 / (n1 + 1) and the count source of SCSG2
becomes
φ ✕ {n1 / (n1 + 1)}.
n1: value set to the SCSG1
Writing data to the SCSG1 can be performed anytime. When the SCSG1 data write control bit is set
to “0” and data is written to the SCSG1, the data is written to the latch and timer at the same time.
When that bit is set to “1”, the data is only written to the latch. When the count reaches “0”, an
underflow occurs at the next count source rising edge and the contents of the timer latch are loaded
to the timer.
If the SCSG1 count stop bit is set to “1” or the SCSG1 set value is “0”, this count source
φ is not
divided, so that the count source for SCSG2 becomes
φ.
(2) SCSG2
The SCSG2 is a 8-bit down-count timer. This uses an output from SCSG1 as an count source.
The SCSG2 output is Clock SCSGCLK. The frequency is calculated as follows:
SCSGCLK =
φ ✕ {n1 / (n1+1)} ✕ {1 / (n2+1)}
n1: value set to SCSG1
n2: value set to SCSG2
Writing data to the SCSG2 can be performed anytime. When the SCSG2 data write control bit is set
to “0” and data is written to the SCSG2, the data is written to the latch and timer at the same time.
When that bit is set to “1”, the data is only written to the latch. When the count reaches “0”, an
underflow occurs at the next count source rising edge and the contents of the timer latch are loaded
to the timer.
If the SCSGCLK output control bit is set to “0”, the SCSG1 and SCSG2 stop their counts and
SCSGCLK output is disabled. To use the SCSGCLK, set this bit to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com