Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 242Page - Renesas Technology Corp 7641 Datasheet HTML 243Page - Renesas Technology Corp 7641 Datasheet HTML 244Page - Renesas Technology Corp 7641 Datasheet HTML 245Page - Renesas Technology Corp 7641 Datasheet HTML 246Page - Renesas Technology Corp 7641 Datasheet HTML 247Page - Renesas Technology Corp 7641 Datasheet HTML 248Page - Renesas Technology Corp 7641 Datasheet HTML 249Page - Renesas Technology Corp 7641 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 115 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.8 Master CPU bus interface
Fig. 2.8.8 Control procedure
2.8.6 Notes on master CPU bus interface
Be sure to set port P6 to input mode by setting the port P6 direction register to “0” when the master CPU
bus interface is enabled.
DBBC0 (address 4A16)
DBBC1 (address 4E16)
ICONC(address 0716)
DBBC0 (address 4A16),bit6
CLI
000000112
00011X002
XX11XXXX2
1
DBBS0 (address 4916),bit3 ?
0
RESET
•OBF0, IBF0
output enabled
•Output buffer 0 empty interrupt enabled
•Input buffer 0 full interrupt enabled
•Single data bus buffer mode
•Master CPU bus interface enabled
Input buffer 0 full interrupt
1
Read Data bus buffer
register 0
(command)
RTI
1
RTI
Initialization
q x: This bit is not used here. Set it to “0” or “1” arbitrarily.
CLT (Note 1)
CLD (Note 2)
Push registers to stack
Read Data bus buffer
register 0
(data)
Pop registers
Pop registers
Write data into Data bus buffer register 0
CLT (Note 1)
CLD (Note 2)
Push registers to stack
Output buffer 0 empty interrupt
Note1: When using Index X mode flag (T)
2: When using Decimal mode flag (D)
•Push registers used in interrupt process routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com