Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 244 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 240Page - Renesas Technology Corp 7641 Datasheet HTML 241Page - Renesas Technology Corp 7641 Datasheet HTML 242Page - Renesas Technology Corp 7641 Datasheet HTML 243Page - Renesas Technology Corp 7641 Datasheet HTML 244Page - Renesas Technology Corp 7641 Datasheet HTML 245Page - Renesas Technology Corp 7641 Datasheet HTML 246Page - Renesas Technology Corp 7641 Datasheet HTML 247Page - Renesas Technology Corp 7641 Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 113 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.8 Master CPU bus interface
2.8.4 Operation description
(1) Input operation
The bus interface input operation is explained as the following:
➀ When the logical OR of Sx (x = 0, 1) and W is “0”, the data bus state is latched into the input data
bus buffer register x (x = 0, 1) at the rising of W input signal.
➁ When the data is latched into the input data bus buffer register x, the Input Buffer Full Flag (IBFx
; x = 0, 1) of the data bus buffer status register x (x = 0, 1) is simultaneously set to “1”.
➂ When the IBFx flag is set to “1”, the input buffer full interrupt request occurs.
➃ At the timing ➂, the A0 level is stored into the A0 flag, bit 3 of the data bus buffer status register
x. Refer to the A0 flag to judge whether the read contents of the input data bus buffer register x
are data or a command.
(2)
Output operation
The bus interface output operation is explained as the following:
➀ Writing data to the output data bus buffer register x (x = 0, 1) sets the Output Buffer Full Flag
(OBFx ; x = 0, 1) of the data bus buffer status register x to “1”.
➁ When the logical OR of Sx, R and A0 is “0”, the contents of the output data bus buffer register
x are output on the data bus and the OBFx flag is simultaneously cleared to “0”.
➂ At the rising of the R input signal, the output buffer empty interrupt request occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com