Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 236Page - Renesas Technology Corp 7641 Datasheet HTML 237Page - Renesas Technology Corp 7641 Datasheet HTML 238Page - Renesas Technology Corp 7641 Datasheet HTML 239Page - Renesas Technology Corp 7641 Datasheet HTML 240Page - Renesas Technology Corp 7641 Datasheet HTML 241Page - Renesas Technology Corp 7641 Datasheet HTML 242Page - Renesas Technology Corp 7641 Datasheet HTML 243Page - Renesas Technology Corp 7641 Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 109 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.8 Master CPU bus interface
2.8.2 Related registers
Fig. 2.8.2 Structure of Data bus buffer register x (x = 0, 1)
Data bus buffer register x
b7 b6 b5 b4 b3 b2 b1 b0
Data bus buffer register x (x = 0, 1)
(DBBx: addresses 4816, 4C16)
b
0
0
Functions
At reset R W
1
0
2
0
3
0
4
0
5
0
6
0
7
0
qA data is latched into this register by a write request from the host
CPU.
qWrite an output data into this register.
The data is output on to the data bus by a read request from the
host CPU.
Data bus buffer status register x
b7 b6 b5 b4 b3 b2 b1 b0
Data bus buffer status register x (x = 0, 1)
(DBBSx: addresses 4916, 4D16)
b
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
Input buffer full flag (IBFx)
A0 flag (A0x)
User definable flag
(U4 to U7)
User definable flag (U2)
0 : Buffer empty
1 : Buffer full
0 : Buffer empty
1 : Buffer full
This flag can be defined by user freely.
5
6
7
Output buffer full flag
(OBFx)
3
This flag indicates the condition of A0
status when the IBFx flag is set.
This flag can be defined by user freely.
5
6
✕
✕
✕
Fig. 2.8.3 Structure of Data bus buffer status register x (x = 0, 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com