Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 239Page - Renesas Technology Corp 7641 Datasheet HTML 240Page - Renesas Technology Corp 7641 Datasheet HTML 241Page - Renesas Technology Corp 7641 Datasheet HTML 242Page - Renesas Technology Corp 7641 Datasheet HTML 243Page - Renesas Technology Corp 7641 Datasheet HTML 244Page - Renesas Technology Corp 7641 Datasheet HTML 245Page - Renesas Technology Corp 7641 Datasheet HTML 246Page - Renesas Technology Corp 7641 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 112 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.8 Master CPU bus interface
Fig. 2.8.6 Connection example
Host CPU
7641 group
Host CPU
7641 group
D0 to D7
RD
WR
DQ0 to DQ7
R
W
R,W separate type bus
D0 to D7
A
E
DQ0 to DQ7
Sx
E
R/W type bus
R/W
R/W
ASx
A
Ax
A
Ax
(1) Data bus buffer mode
The selection of either the single data bus buffer mode or the double data bus buffer mode can be
performed by the Data Bus Buffer Function Select Bit.
•Single data bus buffer mode
The data bus buffer 0 of 1 byte only is used.
•Double data bus buffer mode
The data bus buffer 0 and data bus buffer 1, totalling 2 bytes, are used.
(2) Interrupt
•Input buffer full interrupt
When the data is input to the data bus buffer register x, the Input Buffer Full Flag (IBFx ; x = 0,
1) is set to “1” and the interrupt request occurs. When the data is read out from the data bus buffer
register x, the IBFx flag is cleared to “0”.
•Output buffer empty interrupt
When the data is written to the data bus buffer register x, the Output Buffer Full Flag (OBFx ; x
= 0, 1) is set to “1”. When the host CPU reads out from the data bus buffer register x, the OBFx
flag is cleared to “0” and the output buffer empty interrupt request occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com