Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 237Page - Renesas Technology Corp 7641 Datasheet HTML 238Page - Renesas Technology Corp 7641 Datasheet HTML 239Page - Renesas Technology Corp 7641 Datasheet HTML 240Page - Renesas Technology Corp 7641 Datasheet HTML 241Page - Renesas Technology Corp 7641 Datasheet HTML 242Page - Renesas Technology Corp 7641 Datasheet HTML 243Page - Renesas Technology Corp 7641 Datasheet HTML 244Page - Renesas Technology Corp 7641 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 110 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.8 Master CPU bus interface
Fig. 2.8.4 Structure of Data bus buffer control register 0
Data bus buffer control register 0
b7 b6 b5 b4 b3 b2 b1 b0
Data bus buffer control register 0
(DBBC0 : address 4A16)
b
0
0
1
2
Name
0
Functions
At reset R W
0
0
0
0
IBF0 output enable bit
Output buffer 0 empty
interrupt disable bit
0 : P52 functions as I/O port.
1 : P52 functions as OBF0 output pin.
0 : P53 functions as I/O port.
1 : P53 functions as IBF0
0 : Enabled
1 : Disabled
0
Master CPU bus interface
enable bit
6
7
0
Bus interface type select
bit
0 : RD,WR separate type bus
1 : R/W type bus
0
OBF0 output enable bit
Nothing arranged for this bit. Fix this bit to “0”.
3
0 : Occurrence due to data write (A0 = “0”) or
command write (A0 = “1”)
1 : Occurrence due to command write (A0 =
“1”)
IBF0 interrupt select bit
4 Input buffer 0 full interrupt
disable bit
0 : Enabled
1 : Disabled
5
Function of P54 to P57, P60 to P67 ;
0 : As I/O ports.
1 : As master CPU bus interface function
pins.
Data bus buffer control register 1
b7 b6 b5 b4 b3 b2 b1 b0
Data bus buffer control register 1
(DBBC0 : address 4E16)
b
0
0
0
1
2
Name
0
Functions
At reset R W
0
0
0
0
IBF1 output enable bit
Output buffer 1 empty
interrupt disable bit
0 : P74 functions as I/O port.
1 : P74 functions as OBF1 output pin.
(Note)
0 : P73 functions as I/O port.
1 : P73 functions as IBF1 output pin.
(Note)
0 : Enabled
1 : Disabled
0
Data bus buffer function
select bit
7
0
0
OBF1 output enable bit
Nothing arranged for these bits.
Fix these bits to “0”.
3
0 : Occurrence due to data write (A0 = “0”) or
command write (A0 = “1”)
1 : Occurrence due to command write (A0 =
“1”)
IBF1 interrupt select bit
4
Input buffer 1 full interrupt
disable bit
0 : Enabled
1 : Disabled
5
0 : Single data bus buffer mode(P72
functions as I/O port.)
1 : Double data bus buffer mode(P72
functions as S1 input pin.)
6
Note: This can be selected when the data bus buffer function select bit is “1”.
Fig. 2.8.5 Structure of Data bus buffer control register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com