Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 232Page - Renesas Technology Corp 7641 Datasheet HTML 233Page - Renesas Technology Corp 7641 Datasheet HTML 234Page - Renesas Technology Corp 7641 Datasheet HTML 235Page - Renesas Technology Corp 7641 Datasheet HTML 236Page - Renesas Technology Corp 7641 Datasheet HTML 237Page - Renesas Technology Corp 7641 Datasheet HTML 238Page - Renesas Technology Corp 7641 Datasheet HTML 239Page - Renesas Technology Corp 7641 Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 105 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.7 Frequency synthesizer (PLL)
2.7.3 Functional description
The frequency synthesizer generates the 48 MHz clock required by fUSB and fSYN, which are multiples of the
external input reference f(XIN) or f(XCIN). To use the frequency synthesizer, set the frequency synthesizer
enable bit of frequency synthesizer control register (address 6C16) to “1”.
The frequency synthesizer input bit selects either f(XIN) or f(XCIN) as an input clock fIN for the frequency
synthesizer.
Figure 2.7.7 shows the block diagram for the frequency synthesizer circuit.
(1) fPIN
fIN is divided by the contents of frequency synthesizer multiply register 2 (FSM2: address 6E16) to
generate fPIN, where
fPIN = fIN / 2(n + 1), n: value set to FSM2.
When the value of FSM2 is set to 255, the division is not performed and fPIN will equal fIN.
Figure 2.7.8 shows the frequency synthesizer multiply register 2 setting example.
Note: Be sure to set fPIN to 1 MHz or more.
FSM2
Data Bus
FSM1
FSC
Prescaler
fIN
fPIN
fVCO
fSYN
fUSB
(address 006E16)(address 006D16)
(address 006C16)(address 006F16)
FSD
Frequency
Multiplier
Frequency Divider
Fig. 2.7.7 Block diagram for frequency synthesizer circuit
24 MHz
1 MHz
2 MHz
3 MHz
6 MHz
12 MHz
Decimal
255
11
5
3
1
0
Hexadecimal
FF16
24.00 MHz
fIN
24.00 MHz
24.00 MHz
24.00 MHz
24.00 MHz
24.00 MHz
0B16
0516
0316
0116
0016
fPIN
FSM2 register set value
Fig. 2.7.8 Frequency synthesizer multiply register 2 setting example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com