Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 249 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 249 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 245Page - Renesas Technology Corp 7641 Datasheet HTML 246Page - Renesas Technology Corp 7641 Datasheet HTML 247Page - Renesas Technology Corp 7641 Datasheet HTML 248Page - Renesas Technology Corp 7641 Datasheet HTML 249Page - Renesas Technology Corp 7641 Datasheet HTML 250Page - Renesas Technology Corp 7641 Datasheet HTML 251Page - Renesas Technology Corp 7641 Datasheet HTML 252Page - Renesas Technology Corp 7641 Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 385 page
background image
Rev.2.00 Aug 28, 2006
page 118 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.9 Special count source generator (SCSG)
Fig. 2.9.4 Structure of Special count source mode register
Special count source mode register
b7 b6 b5 b4 b3 b2 b1 b0
Special count source mode register
(SCSGM : address 2F16)
b
0
00
00
Name
0
Functions
At reset R W
0
0
0
0
0
SCSG2 data write control
bit
SCSGCLK output control
bit
0 : Writing data into both timer latch and
timer simultaneously
1 : Writing data into timer latch
0 : Writing data into both timer latch and
timer simultaneously
1 : Writing data into timer latch
0 : SCSGCLK output disabled
(SCSG1 and SCSG2 counts stop)
1 : SCSGCLK output enabled
5
6
7
0
0
SCSG1 count stop bit
0 : Count start
1 : Count stop
0
SCSG1 data write control
bit
Fix these bits to “0”.
3
4
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com