Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 248Page - Renesas Technology Corp 7641 Datasheet HTML 249Page - Renesas Technology Corp 7641 Datasheet HTML 250Page - Renesas Technology Corp 7641 Datasheet HTML 251Page - Renesas Technology Corp 7641 Datasheet HTML 252Page - Renesas Technology Corp 7641 Datasheet HTML 253Page - Renesas Technology Corp 7641 Datasheet HTML 254Page - Renesas Technology Corp 7641 Datasheet HTML 255Page - Renesas Technology Corp 7641 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 121 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.10 External devices connection
2.10.2 Related registers
Fig. 2.10.2 Structure of CPU mode register A
CPU mode register A
b7 b6 b5 b4 b3 b2 b1 b0
CPU mode register A
(CPMA : address 0016)
b
0
1
1
2
4
Name
Functions
At reset R W
1
1
0
0
Stack page select bit
Sub-clock (XCIN-XCOUT)
stop bit
Main clock (XIN-XOUT) stop
bit
b1b0
0 0 : Single-chip mode
0 1 : Memory expansion mode
1 0 : Microprocessor mode (Note 1)
1 1 : Not available
0 : Page 0
1 : Page 1
0 : Stopped
1 : Oscillating
5
0
Internal system clock
select bit (Note 2)
0 : External clock (XIN-XOUT or XCIN-XCOUT)
1 : fsyn
6
7
0
External clock select bit
0 : XIN-XOUT
1 : XCIN-XCOUT
Processor mode bits
3
0
0
Fix this bit to “1”.
0 : Oscillating
1 : Stopped
Notes 1: This is not available in the flash memory version.
2: When (CPMA 7, 6) = (0, 0), the internal system clock can be selected between
f(XIN) and f(XIN)/2 by CCR7.
The internal clock
φ is the internal system clock divided by 2.
CPU mode register B
b7 b6 b5 b4 b3 b2 b1 b0
CPU mode register B
(CPMB : address 0116)
b
0
1 0
1
4
5
Name
Functions
At reset R W
0
0
0
Expanded data memory
access bit
HOLD function enable bit
b1b0
0 0 : No wait
0 1 : One-time wait
1 0 : Two-time wait
1 1 : Three-time wait
0 : EDMA output disabled
1 : EDMA output enabled
0 : HOLD function disabled
1 : HOLD function enabled
6
7
Slow memory wait select
bits
1
1
2
3
b3b2
0 0 : Software wait
0 1 : Not available
1 0 : RDY wait
1 1 : Software wait plus RDY input
anytime wait anytime wait
Slow memory wait mode
select bits
0
0
Fix this bit to “0”.
1
Fix this bit to “1”.
Fig. 2.10.3 Structure of CPU mode register B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com