Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 255 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 251Page - Renesas Technology Corp 7641 Datasheet HTML 252Page - Renesas Technology Corp 7641 Datasheet HTML 253Page - Renesas Technology Corp 7641 Datasheet HTML 254Page - Renesas Technology Corp 7641 Datasheet HTML 255Page - Renesas Technology Corp 7641 Datasheet HTML 256Page - Renesas Technology Corp 7641 Datasheet HTML 257Page - Renesas Technology Corp 7641 Datasheet HTML 258Page - Renesas Technology Corp 7641 Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 124 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.10 External devices connection
(2) RDY wait
RDY wait is selected by setting “10” to the slow memory wait mode select bits (b3, b2 of CPMB).
When a fixed time of “L” (tsu) is input to the RDY pin at the beginning of a read/write cycle (before
φ cycle falls), the MCU goes to the RDY state. Then the read/write cycle can be extended by one
to three
φ cycles. The number of φ cycles to be extended can be selected by the slow memory wait
select bits (b1, b0 of CPMB).
Even if “L” is input to the RDY pin at the end of waited read/write cycle, the cycle is not extended.
When a fixed time of “H” (tsu) is input to the RDY pin at the beginning of a read/write cycle (before
φ cycle falls), the MCU is released from the RDY state.
Figure 2.10.5 shows the RDY wait timing example.
IN
OUT
IN
OUT
RDY
φOUT
ADOUT
DB IN/OUT
RD
WR
1 bus cycle
<< No Wait >>
Address
Address
<< Wait >>
1 bus cycle
φOUT
ADOUT
DB IN/OUT
RD
WR
Address
Address
tsu(RDY-
φ)
tsu(RDY-
φ)
Note: This example is the 1-cycle RDY wait .
Refer to Chapter 1 “Slow Memory Wait in PROCESSOR MODE” for 2- and
3-cycle RDY wait timings.
Fig. 2.10.5 RDY wait timing example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com