Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 257 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 253Page - Renesas Technology Corp 7641 Datasheet HTML 254Page - Renesas Technology Corp 7641 Datasheet HTML 255Page - Renesas Technology Corp 7641 Datasheet HTML 256Page - Renesas Technology Corp 7641 Datasheet HTML 257Page - Renesas Technology Corp 7641 Datasheet HTML 258Page - Renesas Technology Corp 7641 Datasheet HTML 259Page - Renesas Technology Corp 7641 Datasheet HTML 260Page - Renesas Technology Corp 7641 Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 126 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.10 External devices connection
The HOLD function is used for systems that consist of external circuits that access MCU buses without use
of the CPU (Central Processing Unit). The HOLD function is used to generate the timing in which the MCU
will relinquish the bus from the CPU to the external circuits. To use the HOLD function, set the HOLD
function enable bit (b5 of CPMB) to “1”. This can be enabled in the memory expansion mode and microprocessor
mode.
When “L” level is input to the HOLD pin, the MCU goes to the HOLD state and remains so while the pin
is at “L”. When the MCU relinquishes use of the bus, “L” level is output from the HLDA pin. The MCU puts
ports P0 and P1 (address buses) and port P2 (data bus) to tri-state outputs and holds the RD pin (P37)
and WR pin (P36) “H” level. This will prevent incorrect operations of external devices.
Though the clock supply to the CPU halts in HOLD state, the internal peripheral clocks and
φOUT (P34)
continues to be supplied.
When “H” level is input to the HOLD pin,“H” level is output from the HLDA pin and the MCU can use
address buses, data bus, signals RD and WR to access to external devices.
Figure 2.10.7 shows the Hold function timing diagram.
2.10.5 HOLD function
Fig. 2.10.7 Hold function timing diagram
XIN
RD, WR
ADDROUT
DATAIN/OUT
HOLD
HLDA
φ OUT
tsu(HOLD-
φ)
th(
φ-HOLD)
td(
φ-HLDAL)
td(
φ-HLDAH)
Note: This diagram assumes
φ = XIN/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com