Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 289 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 289 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 285Page - Renesas Technology Corp 7641 Datasheet HTML 286Page - Renesas Technology Corp 7641 Datasheet HTML 287Page - Renesas Technology Corp 7641 Datasheet HTML 288Page - Renesas Technology Corp 7641 Datasheet HTML 289Page - Renesas Technology Corp 7641 Datasheet HTML 290Page - Renesas Technology Corp 7641 Datasheet HTML 291Page - Renesas Technology Corp 7641 Datasheet HTML 292Page - Renesas Technology Corp 7641 Datasheet HTML 293Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 10 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.1 Electrical characteristics
Power source voltage
Analog reference voltage
Power source voltage
Analog reference voltage
DC-DC converter voltage
“H” input voltage
P00–P07, P10–P17, P20–P27,
P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“H” input voltage (Selecting VIHL level input) P20–P27
“H” input voltage
RESET, XIN, XCIN, CNVss
“H” input voltage
USB D+, USB D–
“L” input voltage
P00–P07, P10–P17, P20–P27,
P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“L” input voltage (Selecting VIHL level input)
P20–P27
“L” input voltage
RESET, XIN, XCIN, CNVss
“L” input voltage
USB D+, USB D–
“H” total peak output current
P00–P07, P10–P17, P20–P27,
(Note 1)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“L” total peak output current
P00–P07, P10–P17, P20–P27,
(Note 1)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“H” total average output current P00–P07, P10–P17, P20–P27,
(Note 1)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“L” total average output current P00–P07, P10–P17, P20–P27,
(Note 1)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“H” peak output current
P00–P07, P10–P17, P20–P27,
(Note 2)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“L” peak output current
P00–P07, P10–P17, P20–P27,
(Note 2)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“H” average output current
P00–P07, P10–P17, P20–P27,
(Note 3)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“L” average output current
P00–P07, P10–P17, P20–P27,
(Note 3)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
Timer X input frequency (Note 4)
Timer Y input frequency (Note 4)
Main clock input frequency (Notes 4, 5)
Sub-clock input frequency (Notes 4, 6)
VCC
AVcc
VSS
AVSS
Ext. Cap.
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIL
ΣIOH(peak)
ΣIOL(peak)
ΣIOH(avg)
ΣIOL(avg)
IOH(peak)
IOL(peak)
IOH(avg)
IOL(avg)
f(CNTR0)
f(CNTR1)
f(XIN)
f(XCIN)
Limits
V
V
V
V
V
Parameter
Min.
3.0
3.0
3.0
0.8VCC
0.5VCC
0.8VCC
2.0
0
Typ.
3.3
3.3
0
0
3.3
Max.
3.6
VCC
Symbol
Unit
3.6
VCC
3.1.4 Recommended Operating Conditions (In Vcc = 3 V)
Table 3.1.9 Recommended operating conditions (Vcc = 3.0 to 3.6 V, Vss = 0 V, Ta = –20 to 70°C,
unless otherwise noted)
0
0
1
VCC
VCC
0.2VCC
0.16VCC
0.2VCC
0.8
–80
80
–40
40
–10
10
–5.0
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mA
mA
32.768
5.0
5.0
5.0
24
50/5.0
MHz
MHz
MHz
kHz/MHz
Notes 1: The total peak output current is the peak value of the peak currents flowing through all the applicable ports. The total average output current is the average
value measured over 100 ms flowing through all the applicable ports.
2: The peak output current is the peak current flowing in each port.
3: The average output current is an average value measured over 100 ms.
4: The duty of oscillation frequency is 50
%.
5: Connect a ceramic resonator or a quartz-crystal oscillator between the XIN and XOUT pins. Its maximum oscillation frequency must be 24 MHz. However,
make sure to set
φ to 6 MHz or slower. More faster clocks are required as the f(XIN) when using the frequency synthesizer as possible.
6: Connect a ceramic resonator or a quartz-crystal oscillator between the XCIN and XCOUT pins. Its maximum oscillation frequency must be 50 kHz. Input an
external clock having 5 MHz (max.) frequency from the XCIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com