Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 285 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 285 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 281Page - Renesas Technology Corp 7641 Datasheet HTML 282Page - Renesas Technology Corp 7641 Datasheet HTML 283Page - Renesas Technology Corp 7641 Datasheet HTML 284Page - Renesas Technology Corp 7641 Datasheet HTML 285Page - Renesas Technology Corp 7641 Datasheet HTML 286Page - Renesas Technology Corp 7641 Datasheet HTML 287Page - Renesas Technology Corp 7641 Datasheet HTML 288Page - Renesas Technology Corp 7641 Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 6 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.1 Electrical characteristics
Reset input “L” pulse width
Main clock input cycle time (Note)
Main clock input “H” pulse width
Main clock input “L” pulse width
Sub-clock input cycle time
Sub-clock input “H” pulse width
Sub-clock input “L” pulse width
INT0, INT1 input cycle time
INT0, INT1 input “H” pulse width
INT0, INT1 input “L” pulse width
CNTR0, CNTR1 input cycle time
CNTR0, CNTR1 input “H” pulse width
CNTR0, CNTR1 input “L” pulse width
Timer TOUT delay time
Timer CNTR0 delay time (Pulse output mode)
Timer CNTR0 input cycle time (Event counter mode)
Timer CNTR0 input “H” pulse width (Event counter mode)
Timer CNTR0 input “L” pulse width (Event counter mode)
Timer CNTR1 delay time (Pulse output mode)
Timer CNTR1 input cycle time (Event counter mode)
Timer CNTR1 input “H” pulse width (Event counter mode)
Timer CNTR1 input “L” pulse width (Event counter mode)
Serial I/O external clock input cycle time
Serial I/O external clock input “H” pulse width
Serial I/O external clock input “L” pulse width
Serial I/O input setup time (external clock)
Serial I/O input hold time (external clock)
Serial I/O output delay time (external clock)
Serial I/O SRDY valid time (external clock)
Serial I/O internal clock output cycle time
Serial I/O internal clock output “H” pulse width
Serial I/O internal clock output “L” pulse width
Serial I/O input setup time (internal clock)
Serial I/O input hold time (internal clock)
Serial I/O output delay time (internal clock)
tW(RESET)
tC(XIN)
tWH(XIN)
tWL(XIN)
tC(XCIN)
tWH(XCIN)
tWL(XCIN)
tC(INT)
tWH(INT)
tWL(INT)
tC(CNTRI)
tWH(CNTRI)
tWL(CNTRI)
td(
φ -TOUT)
td(
φ -CNTR0)
tC(CNTRE0)
tWH(CNTRE0)
tWL(CNTRE0)
td(
φ -CNTR1)
tC(CNTRE1)
tWH(CNTRE1)
tWL(CNTRE1)
tC(SCLKE)
tWH(SCLKE)
tWL(SCLKE)
tsu(SRXD-SCLKE)
th(SCLKE-SRXD)
td(SCLKE-STXD)
tv(SCLKE-SRDY)
tc(SCLKI)
tWH(SCLKI)
tWL(SCLKI)
tsu(SRXD-SCLKI)
th(SCLKI-SRXD)
td(SCLKI-STXD)
Limits
µs
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Min.
2
41.66
0.4•tc(XIN)
0.4•tc(XIN)
200
0.4•tc(XCIN)
0.4•tc(XCIN)
200
90
90
200
80
80
200
0.4•tc(CNTRE0)
0.4•tc(CNTRE0)
200
0.4•tc(CNTRE1)
0.4•tc(CNTRE1)
400
190
180
15
10
166.66
0.5•tc(SCLKI) – 5
0.5•tc(SCLKI) – 5
20
5
Typ.
Max.
Symbol
Unit
Note: Make sure not to exceed 12 MHz of
φ, in other words, tc(φ) ≥ 83.33 ns). For example, set bit 7 of the clock control register (CCR) to “0” in the case of
tc(XIN)
< 41.66 ns.
Timing Requirements
In Vcc = 5 V
Table 3.1.5 Timing requirements (Vcc = 4.15 to 5.25 V, Vss = 0 V, Ta = –20 to 70°C, unless otherwise
noted)
15
15
15
25
26
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com