Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 279Page - Renesas Technology Corp 7641 Datasheet HTML 280Page - Renesas Technology Corp 7641 Datasheet HTML 281Page - Renesas Technology Corp 7641 Datasheet HTML 282Page - Renesas Technology Corp 7641 Datasheet HTML 283Page - Renesas Technology Corp 7641 Datasheet HTML 284Page - Renesas Technology Corp 7641 Datasheet HTML 285Page - Renesas Technology Corp 7641 Datasheet HTML 286Page - Renesas Technology Corp 7641 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 4 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.1 Electrical characteristics
3.1.3 Electrical characteristics (In Vcc = 5 V)
IOH = –10 mA
“H” output voltage
P00–P07, P10–P17, P20–P27, P30–P37,
P40–P44, P50–P57, P60–P67, P70–P74,
P80–P87
“H” output voltage
USB D+, USB D-
Limits
V
Parameter
Min.
VCC–2.0
Typ.
Max.
Symbol
Unit
Test conditions
VOH
VOH
Table 3.1.3 Electrical characteristics (1) (Vcc = 4.15 to 5.25 V, Vss = 0 V, Ta = –20 to 70°C, unless
otherwise noted)
USB+, and USB- pins
pull-down via a resistor
of 15 k
Ω ± 5 %
USB+ pin pull-up to Ext.
Cap. pin via a resistor of
1.5 k
Ω ± 5 %
IOL = 10 mA
VOL
“L” output voltage
P00–P07, P10–P17, P20–P27, P30–P37,
P40–P44, P50–P57, P60–P67, P70–P74,
P80–P87
“L” output voltage
USB D+, USB D-
USB+, and USB- pins
pull-down via a resistor
of 15 k
Ω ± 5 %
USB+ pin pull-up to Ext.
Cap. pin via a resistor of
1.5 k
Ω ± 5 %
VT+–VT-
Hysteresis
CNTR0, CNTR1, INT0, INT1, RDY, HOLD,
P20–P27
Hysteresis
URXD1, URXD2 (SCLK), CTS2 (SRXD),
SRDY, CTS1
Hysteresis
RESET
“H” input current
P00–P07, P10–P17, P20–P27, P30–P37,
P40–P44, P50–P57, P60–P67, P70–P74,
P80–P87
“H” input current
RESET, CNVSS
“H” input current
XIN
“H” input current
XCIN
“L” input current
P00–P07, P10–P17, P30–P37,
P40–P44, P50–P57, P60–P67, P70–P74,
P80–P87
“L” input current
RESET
“L” input current
CNVSS
“L” input current
XIN
“L” input current
XCIN
“L” input current
P20–P27
VT+–VT-
VT+–VT-
IIH
IIH
IIH
IIH
IIL
IIL
IIL
IIL
IIL
IIL
VI = VCC
VI = VSS
VI = VSS
Pull-ups “off”
VCC = 5.0 V, VI = VSS
Pull-ups “on”
When clock is stopped
2.8
–30
2.0
0.5
0.5
0.5
9.0
–9.0
–65
3.6
2.0
0.3
5.0
5.0
20
5.0
–5.0
–5.0
–20
–20
–5.0
–5.0
V
V
V
V
V
V
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
VOL
–140
5.25
VRAM
RAM hold voltage
µA
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com