Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 280Page - Renesas Technology Corp 7641 Datasheet HTML 281Page - Renesas Technology Corp 7641 Datasheet HTML 282Page - Renesas Technology Corp 7641 Datasheet HTML 283Page - Renesas Technology Corp 7641 Datasheet HTML 284Page - Renesas Technology Corp 7641 Datasheet HTML 285Page - Renesas Technology Corp 7641 Datasheet HTML 286Page - Renesas Technology Corp 7641 Datasheet HTML 287Page - Renesas Technology Corp 7641 Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 5 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.1 Electrical characteristics
Power source current
(Output transistor is
isolated.)
Limits
Parameter
Min.
Typ.
40
Max.
90
Symbol
Unit
Test conditions
ICC
mA
In Vcc = 5 V
Table 3.1.4 Electrical characteristics (2) (Vcc = 4.15 to 5.25 V, Vss = 0 V, Ta = –20 to 70°C, unless
otherwise noted)
Normal mode (Note 1)
f(XIN) = 24 MHz,
φ = 12 MHz
USB operating
Frequency synthesizer ON
Wait mode (Note 2)
f(XIN) = 24 MHz,
φ = 12 MHz
USB block enabled, USB clock
stopped, Frequency synthesizer ON
Wait mode (Note 3)
f(XCIN) = 32 kHz,
φ = 16 kHz
USB block disabled
Frequency synthesizer OFF
USB transceiver DC-DC converter OFF
Stop mode
USB transceiver DC-DC converter ON
Low current mode (USBC3 = “1”)
Stop mode
USB transceiver DC-DC converter OFF
Ta = 25 °C
Stop mode
USB transceiver DC-DC converter OFF
Ta = 70 °C
5.0
100
11
10
250
1.0
10
mA
µA
µA
µA
µA
<Test conditions>
Notes 1: Operating in single-chip mode
Clock input from XIN pin (XOUT oscillator stopped)
USB operating with USB transceiver DC-DC converter enabled
Operating functions: Frequency synthesizer, CPU, two UARTs, DMAC, Timers and Count source generator
Disabled functions: Master CPU bus interface and Serial I/O
2: Operating in single-chip mode with Wait mode
Clock input from XIN pin (XOUT oscillator stopped)
USB suspended due to USB clock stopped with USB transceiver DC-DC converter enabled
Operating functions: Frequency synthesizer, Timers and Count source generator
Disabled functions: CPU, two UARTs, DMAC, Master CPU bus interface and Serial I/O
3: Operating in single-chip mode with Wait mode
XIN - XOUT oscillator stopped
Clock input from XCIN pin (XCOUT oscillator stopped)
USB stopped, USB clock stopped and USB transceiver DC-DC converter disabled
Operating functions: Timers and Count source generator
Disabled functions: Frequency synthesizer, CPU, two UARTs, DMAC, Master CPU bus interface and Serial I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com