Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 278Page - Renesas Technology Corp 7641 Datasheet HTML 279Page - Renesas Technology Corp 7641 Datasheet HTML 280Page - Renesas Technology Corp 7641 Datasheet HTML 281Page - Renesas Technology Corp 7641 Datasheet HTML 282Page - Renesas Technology Corp 7641 Datasheet HTML 283Page - Renesas Technology Corp 7641 Datasheet HTML 284Page - Renesas Technology Corp 7641 Datasheet HTML 285Page - Renesas Technology Corp 7641 Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 3 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.1 Electrical characteristics
3.1.2 Recommended operating conditions (In Vcc = 5 V)
Table 3.1.2 Recommended operating conditions (Vcc = 4.15 to 5.25 V, Vss = 0 V, Ta = –20 to 70°C,
unless otherwise noted)
Power source voltage
Analog reference voltage
Power source voltage
Analog reference voltage
“H” input voltage
P00–P07, P10–P17, P20–P27,
P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“H” input voltage (Selecting VIHL level input)
P20–P27
“H” input voltage (Selecting TTL level input for MBI input)
P54–P57, P60–P67, P72
“H” input voltage
RESET, XIN, XCIN, CNVss
“H” input voltage
USB D+, USB D–
“L” input voltage
P00–P07, P10–P17, P20–P27,
P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“L” input voltage (Selecting VIHL level input)
P20–P27
“L” input voltage (Selecting TTL level input for MBI input)
P54–P57, P60–P67, P72
“L” input voltage
RESET, XIN, XCIN, CNVss
“L” input voltage
USB D+, USB D–
“H” total peak output current
P00–P07, P10–P17, P20–P27,
(Note 1)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“L” total peak output current
P00–P07, P10–P17, P20–P27,
(Note 1)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“H” total average output current P00–P07, P10–P17, P20–P27,
(Note 1)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“L” total average output current P00–P07, P10–P17, P20–P27,
(Note 1)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“H” peak output current
P00–P07, P10–P17, P20–P27,
(Note 2)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“L” peak output current
P00–P07, P10–P17, P20–P27,
(Note 2)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“H” average output current
P00–P07, P10–P17, P20–P27,
(Note 3)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“L” average output current
P00–P07, P10–P17, P20–P27,
(Note 3)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
Timer X input frequency (Note 4)
Timer Y input frequency (Note 4)
Main clock input frequency (Notes 4, 5)
Sub-clock input frequency (Notes 4, 6)
VCC
AVcc
VSS
AVSS
VIH
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIL
VIL
ΣIOH(peak)
ΣIOL(peak)
ΣIOH(avg)
ΣIOL(avg)
IOH(peak)
IOL(peak)
IOH(avg)
IOL(avg)
f(CNTR0)
f(CNTR1)
f(XIN)
f(XCIN)
Limits
V
V
V
V
V
Parameter
Min.
4.15
4.15
0.8VCC
0.5VCC
2.0
Typ.
5.0
5.0
0
0
Max.
5.25
VCC
Symbol
Unit
0.8VCC
2.0
0
0
0
0
1
32.768
VCC
VCC
VCC
VCC
3.8
0.2VCC
0.16VCC
0.8
0.2VCC
0.8
–80
80
–40
40
–10
10
–5.0
5.0
5.0
5.0
24
50/5.0
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mA
MHz
MHz
MHz
kHz/MHz
Notes 1: The total peak output current is the peak value of the peak currents flowing through all the applicable ports. The total average output current is the average
value measured over 100 ms flowing through all the applicable ports.
2: The peak output current is the peak current flowing in each port.
3: The average output current is an average value measured over 100 ms.
4: The duty of oscillation frequency is 50
%.
5: Connect a ceramic resonator or a quartz-crystal oscillator between the XIN and XOUT pins. Its maximum oscillation frequency must be 24 MHz. However,
make sure to set
φ to 12 MHz or slower. More faster clocks are required as the f(XIN) when using the frequency synthesizer as possible.
6: Connect a ceramic resonator or a quartz-crystal oscillator between the XCIN and XCOUT pins. Its maximum oscillation frequency must be 50 kHz. Input an
external clock having 5 MHz frequency (max.) from the XCIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com