Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 302 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 298Page - Renesas Technology Corp 7641 Datasheet HTML 299Page - Renesas Technology Corp 7641 Datasheet HTML 300Page - Renesas Technology Corp 7641 Datasheet HTML 301Page - Renesas Technology Corp 7641 Datasheet HTML 302Page - Renesas Technology Corp 7641 Datasheet HTML 303Page - Renesas Technology Corp 7641 Datasheet HTML 304Page - Renesas Technology Corp 7641 Datasheet HTML 305Page - Renesas Technology Corp 7641 Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 23 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.2 Standard characteristics
3.2 Standard characteristics
Standard characteristics described below are just examples of the 7641 Group’s characteristics and are not
guaranteed. For rated values, refer to “3.1 Electrical characteristics”.
3.2.1 Power source current standard characteristics
Figure 3.2.1 shows power source current standard characteristics.
Fig. 3.2.1 Power source current standard characteristics (Ta = 25 °C)
0
5
10
15
20
25
30
35
40
45
50
55
60
0
3
6
9
12
15
18
21
24
27
30
XIN (MHz)
Vcc=5.25V
Vcc=5.0V
Vcc=4.15V
Vcc=3.6V
Vcc=3.3V
Vcc=3.0V
Measuring conditions : Ta = 25
°C, normal mode, φ = f(XIN)/2,
USB operating, frequency synthesizer circuit connecting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com