Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 306 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 306 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 302Page - Renesas Technology Corp 7641 Datasheet HTML 303Page - Renesas Technology Corp 7641 Datasheet HTML 304Page - Renesas Technology Corp 7641 Datasheet HTML 305Page - Renesas Technology Corp 7641 Datasheet HTML 306Page - Renesas Technology Corp 7641 Datasheet HTML 307Page - Renesas Technology Corp 7641 Datasheet HTML 308Page - Renesas Technology Corp 7641 Datasheet HTML 309Page - Renesas Technology Corp 7641 Datasheet HTML 310Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 27 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.3 Notes on use
3.3 Notes on use
3.3.1 Notes on interrupts
(1) When setting external interrupt active edge
When setting the external interrupt active edge (INT0, INT1, CNTR0, CNTR1), the interrupt request bit
may be set to “1”. When not requiring the interrupt occurrence synchronized with these setting, take
the following sequence.
•Interrupt polarity select register (address 001116)
•Timer X mode register (address 002716)
•Timer Y mode register (address 002816)
Set the above listed registers or bits as the following sequence.
Fig. 3.3.1 Sequence of setting external interrupt active edge
Set the corresponding interrupt enable bit to “0”
(disabled) .
↓
Set the interrupt edge select bit
(active edge switch bit) to “1”.
↓
NOP (one or more instructions)
↓
Set the corresponding interrupt request bit to “0”
(no interrupt request issued).
↓
Set the corresponding interrupt enable bit to “1”
(enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com