Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 301Page - Renesas Technology Corp 7641 Datasheet HTML 302Page - Renesas Technology Corp 7641 Datasheet HTML 303Page - Renesas Technology Corp 7641 Datasheet HTML 304Page - Renesas Technology Corp 7641 Datasheet HTML 305Page - Renesas Technology Corp 7641 Datasheet HTML 306Page - Renesas Technology Corp 7641 Datasheet HTML 307Page - Renesas Technology Corp 7641 Datasheet HTML 308Page - Renesas Technology Corp 7641 Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 26 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.2 Standard characteristics
Fig. 3.2.6 Port P20–P27 at pull-up characteristics (Ta = 25 °C)
Fig. 3.2.7 Port P20–P27 at pull-up characteristics (Ta = 70 °C)
Vcc=5.25V
Vcc=5.0V
Vcc=4.15V
Vcc=3.6V
Vcc=3.3V
Vcc=3.0V
VIL(V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
M37641M8 Port P20–P27 IIL-VIL characteristics
(at pull-up) [Ta = 25
°C]
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
VIL(V)
Vcc=5.25V
Vcc=5.0V
Vcc=4.15V
Vcc=3.6V
Vcc=3.3V
Vcc=3.0V
M37641M8 Port P20–P27 IIL-VIL characteristics
(at pull-up) [Ta = 70
°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com