Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 213Page - Renesas Technology Corp SH7018 Datasheet HTML 214Page - Renesas Technology Corp SH7018 Datasheet HTML 215Page - Renesas Technology Corp SH7018 Datasheet HTML 216Page - Renesas Technology Corp SH7018 Datasheet HTML 217Page - Renesas Technology Corp SH7018 Datasheet HTML 218Page - Renesas Technology Corp SH7018 Datasheet HTML 219Page - Renesas Technology Corp SH7018 Datasheet HTML 220Page - Renesas Technology Corp SH7018 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 431 page
background image
201
Section 12 Serial Communication Interface (SCI1)
12.1
Overview
The SH7018 has a serial communication interface (SCI1) with one channel.
The SCI supports asynchronous serial communication. It also has a multiprocessor communication
function for serial communication among two or more processors.
12.1.1
Features
• Select asynchronous or clock synchronous as the serial communications mode.
 Asynchronous mode: Serial data communications are synched by start-stop in character
units. The SCI1 can communicate with a universal asynchronous receiver/transmitter
(UART), an asynchronous communication interface adapter (ACIA), or any other chip that
employs a standard asynchronous serial communication. It can also communicate with two
or more other processors using the multiprocessor communication function. There are
twelve selectable serial data communication formats.
Data length: seven or eight bits
Stop bit length: one or two bits
Parity: even, odd, or none
Multiprocessor bit: one or none
Receive error detection: parity, overrun, and framing errors
Break detection: by reading the RxD level directly when a framing error occurs
 Clock synchronous mode: Serial data transfer is synchronized with the clock. This permits
serial data communications with other LSI devices equipped with a clock synchronous
communications function. One serial data communications format is supported.
Number of data bits: 8
Receive error detection: Over-line error detection
• Full duplex communication: The transmitting and receiving sections are independent, so the
SCI can transmit and receive simultaneously. Both sections use double buffering, so
continuous data transfer is possible in both the transmit and receive directions.
• On-chip baud rate generator with selectable bit rates.
• Internal transmit/receive clock source: baud rate generator (internal).
• Four types of interrupts: Transmit-data-empty, transmit-end, receive-data-full, and receive-
error interrupts are requested independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com