Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 216Page - Renesas Technology Corp SH7018 Datasheet HTML 217Page - Renesas Technology Corp SH7018 Datasheet HTML 218Page - Renesas Technology Corp SH7018 Datasheet HTML 219Page - Renesas Technology Corp SH7018 Datasheet HTML 220Page - Renesas Technology Corp SH7018 Datasheet HTML 221Page - Renesas Technology Corp SH7018 Datasheet HTML 222Page - Renesas Technology Corp SH7018 Datasheet HTML 223Page - Renesas Technology Corp SH7018 Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 431 page
background image
204
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
12.2.3
Transmit Shift Register (TSR1)
The transmit shift register (TSR1) transmits serial data. The SCI1 loads transmit data from the
transmit data register (TDR1) into the TSR1, then transmits the data serially from the TxD pin,
LSB (bit 0) first. After transmitting one data byte, the SCI1 automatically loads the next transmit
data from the TDR1 into the TSR1 and starts transmitting again. If the TDRE bit of the SSR1 is 1,
however, the SCI1 does not load the TDR1 contents into the TSR1.
The CPU cannot read or write the TSR1 directly.
Bit:
7
6
5
4
3
2
1
0
R/W:
—
—
—
—
—
—
—
—
12.2.4
Transmit Data Register (TDR1)
The transmit data register (TDR1) is an 8-bit register that stores data for serial transmission. When
the SCI1 detects that the transmit shift register (TSR1) is empty, it moves transmit data written in
the TDR1 into the TSR1 and starts serial transmission. Continuous serial transmission is possible
by writing the next transmit data in the TDR1 during serial transmission from the TSR1.
The CPU can always read and write the TDR1. The TDR1 is initialized to H'FF by a power-on
reset or in standby mode.
Bit:
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
12.2.5
Serial Mode Register (SMR1)
The serial mode register (SMR1) is an 8-bit register that specifies the SCI1 serial communication
format and selects the clock source for the baud rate generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com