Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 218Page - Renesas Technology Corp SH7018 Datasheet HTML 219Page - Renesas Technology Corp SH7018 Datasheet HTML 220Page - Renesas Technology Corp SH7018 Datasheet HTML 221Page - Renesas Technology Corp SH7018 Datasheet HTML 222Page - Renesas Technology Corp SH7018 Datasheet HTML 223Page - Renesas Technology Corp SH7018 Datasheet HTML 224Page - Renesas Technology Corp SH7018 Datasheet HTML 225Page - Renesas Technology Corp SH7018 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 431 page
background image
206
Bit 4: O/
E
Description
0
Even parity
(Initial value)
If even parity is selected, the parity bit is added to transmit data to make
an even number of 1s in the transmitted character and parity bit
combined. Receive data is checked to see if it has an even number of
1s in the received character and parity bit combined.
1
Odd parity
If odd parity is selected, the parity bit is added to transmit data to make
an odd number of 1s in the transmitted character and parity bit
combined. Receive data is checked to see if it has an odd number of 1s
in the received character and parity bit combined.
• Bit 3—Stop Bit Length (STOP): Selects one or two bits as the stop bit length.
In receiving, only the first stop bit is checked, regardless of the STOP bit setting. If the second
stop bit is 1, it is treated as a stop bit, but if the second stop bit is 0, it is treated as the start bit
of the next incoming character.
Bit 3: STOP
Description
0
One stop bit
(Initial value)
In transmitting, a single bit of 1 is added at the end of each transmitted
character.
1
Two stop bits
In transmitting, two bits of 1 are added at the end of each transmitted
character.
In receiving, only the first stop bit is checked, regardless of the STOP bit setting. If the second
stop bit is 1, is it treated as a stop bit, but if the second stop bit is 0, it is treated as the start bit of
the next character to be transmitted.
• Bit 2—Multiprocessor Mode (MP): Selects multiprocessor format. When multiprocessor
format is selected, settings of the parity enable (PE) and parity mode (O/
E) bits are ignored.
Also, the setting of the MP bit is valid only in the start-stop synchronous mode. The setting of
the MP bit is ignored in the clock synchronous mode. For the multiprocessor communication
function, see section 12.3.3, Multiprocessor Communication.
Bit 2: MP
Description
0
Multiprocessor function disabled
(Initial value)
1
Multiprocessor format selected
• Bits 1 and 0—Clock Select 1 and 0 (CKS1, CKS0): These bits select the internal clock source
of the on-chip baud rate generator. Four clock sources are available;
φ, φ/4, φ/16, or φ/64. For



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com