Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 279 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 279 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 275Page - Renesas Technology Corp SH7243 Datasheet HTML 276Page - Renesas Technology Corp SH7243 Datasheet HTML 277Page - Renesas Technology Corp SH7243 Datasheet HTML 278Page - Renesas Technology Corp SH7243 Datasheet HTML 279Page - Renesas Technology Corp SH7243 Datasheet HTML 280Page - Renesas Technology Corp SH7243 Datasheet HTML 281Page - Renesas Technology Corp SH7243 Datasheet HTML 282Page - Renesas Technology Corp SH7243 Datasheet HTML 283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 1726 page
background image
Section 9 Bus State Controller (BSC)
Rev. 1.00 Jun. 26, 2008 Page 249 of 1692
REJ09B0393-0100
Name
I/O
Function
WRL/DQMLL
Output
Indicates that D7 to D0 are being written to.
Connected to the byte select signal when a SRAM with byte selection
is connected.
Functions as the select signals for D7 to D0 when SDRAM is
connected.
RASL, RASU
Output
Connected to
RAS pin when SDRAM is connected (RASU is available
only in the SH7286).
CASL, CASU
Output
Connected to
CAS pin when SDRAM is connected (CASU is available
only in the SH7286).
CKE
Output
Connected to CKE pin when SDRAM is connected.
WAIT
Input
External wait input
BREQ
Input
Bus request input
BACK
Output
Bus enable output
REFOUT
Output
Refresh request output in bus-released state
MD0
Input
Selects bus width of area 0.
8 or 16 bits: SH7285 and SH7243
16 or 32 bits: SH7286
It also selects the on-chip ROM enabled or disabled mode and external
bus access enabled or disabled mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com