Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 482 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 482 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 478Page - Renesas Technology Corp SH7713 Datasheet HTML 479Page - Renesas Technology Corp SH7713 Datasheet HTML 480Page - Renesas Technology Corp SH7713 Datasheet HTML 481Page - Renesas Technology Corp SH7713 Datasheet HTML 482Page - Renesas Technology Corp SH7713 Datasheet HTML 483Page - Renesas Technology Corp SH7713 Datasheet HTML 484Page - Renesas Technology Corp SH7713 Datasheet HTML 485Page - Renesas Technology Corp SH7713 Datasheet HTML 486Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 442 of 860
REJ09B0288-0150
CKIO
A25 to A0
RD
D31 to D0
DACK
WAIT
CS
T1
Tw
Tw
TB2
Twb
TB2
Twb
TB2
Twb
T2
RD/
WR
BS
Figure 12.32 Burst ROM (Clock Asynchronous) Access (Bus Width = 32 Bits,
16-byte Transfer (Number of Bursts = 4), Access Wait for First Time = 2,
Access Wait for 2nd Time and after = 1)
12.5.7
Byte-Selection SRAM Interface
The byte-selection SRAM interface is for access to an SRAM which has a byte-selection pin
(
WEn (BEn)). This interface has 16-bit data pins and accesses SRAMs having upper and lower
byte selection pins, such as UB and LB.
When the BAS bit in CSnWCR is cleared to 0 (initial value), the write access timing of the byte-
selection SRAM interface is the same as that for the normal space interface. While in read access
of a byte-selection SRAM interface, the byte-selection signal is output from the
WEn (BEn) pin,
which is different from that for the normal space interface. The basic access timing is shown in
figure 12.33. In write access, data is written to the memory according to the timing of the byte-
selection pin (
WEn (BEn)). For details, refer to the data sheet for the corresponding memory.
If the BAS bit in CSnWCR is set to 1, the
WEn (BEn) pin and RD/WR pin timings change. Figure
12.34 shows the basic access timing. In write access, data is written to the memory according to
the timing of the write enable pin (RD/
WR). The data hold timing from RD/WR negation to data
write must be acquired by setting the HW[1:0] bits in CSnWCR. Figure 12.35 shows the access
timing when a software wait is specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com