Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 480 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 480 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 476Page - Renesas Technology Corp SH7713 Datasheet HTML 477Page - Renesas Technology Corp SH7713 Datasheet HTML 478Page - Renesas Technology Corp SH7713 Datasheet HTML 479Page - Renesas Technology Corp SH7713 Datasheet HTML 480Page - Renesas Technology Corp SH7713 Datasheet HTML 481Page - Renesas Technology Corp SH7713 Datasheet HTML 482Page - Renesas Technology Corp SH7713 Datasheet HTML 483Page - Renesas Technology Corp SH7713 Datasheet HTML 484Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 440 of 860
REJ09B0288-0150
CKIO
CKE
A25 to A0
CSn
RD/
WR
RAS
DQMxx
D31 to D0
BS
Tpw
DACKn*2
Tp
Tdpd
A12/A11*1
CAS
Notes: 1. Address pin to be connected to the A10 pin of SDRAM.
2. The waveform for DACKn is when active low is specified.
Trc
Hi-Z
Trc
Trc
Trc
Trc
Figure 12.31 Transition Timing in Deep Power-Down Mode
12.5.6
Burst ROM (Clock Asynchronous) Interface
The burst ROM (clock asynchronous) interface is used to access a memory with a high-speed read
function using a method of address switching called the burst mode or page mode. In a burst ROM
(clock asynchronous) interface, basically the same access as the normal space is performed, but
the 2nd and subsequent accesses are performed only by changing the address, without negating the
RD signal at the end of the 1st cycle. In the 2nd and subsequent accesses, addresses are changed at
the falling edge of the CKIO.
For the 1st access cycle, the number of wait cycles specified by the W[3:0] bits in CSnWCR is
inserted. For the 2nd and subsequent access cycles, the number of wait cycles specified by the
BW[1:0] bits in CSnWCR is inserted.
In the access to the burst ROM (clock asynchronous), the
BS signal is asserted only to the first
access cycle. An external wait input is valid only to the first access cycle.
In the single access or write access that do not perform the burst operation in the burst ROM
(clock asynchronous) interface, access timing is same as a normal space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com