Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 476 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 476 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 472Page - Renesas Technology Corp SH7713 Datasheet HTML 473Page - Renesas Technology Corp SH7713 Datasheet HTML 474Page - Renesas Technology Corp SH7713 Datasheet HTML 475Page - Renesas Technology Corp SH7713 Datasheet HTML 476Page - Renesas Technology Corp SH7713 Datasheet HTML 477Page - Renesas Technology Corp SH7713 Datasheet HTML 478Page - Renesas Technology Corp SH7713 Datasheet HTML 479Page - Renesas Technology Corp SH7713 Datasheet HTML 480Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 476 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 436 of 860
REJ09B0288-0150
Burst read/burst write (burst length 1):
Data Bus Width
CAS Latency
Access Address
External Address Pin
16 bits
2
H
′A4FD5040
H
′0000040
3
H
′A4FD5060
H
′0000060
32 bits
2
H
′A4FD5080
H
′0000080
3
H
′A4FD50C0
H
′00000C0
Mode register setting timing is shown in figure 12.29. A PALL command (all bank precharge
command) is firstly issued. A REF command (auto refresh command) is then issued 8 times. An
MRS command (mode register write command) is finally issued. Idle cycles, of which number is
specified by the TRP[1:0] bits in CSnWCR, are inserted between the PALL and the first REF. Idle
cycles, of which number is specified by the TRC[1:0]bits in CSnWCR, are inserted between REF
and REF, and between the 8th REF and MRS. Idle cycles, of which number is one or more, are
inserted between the MRS and a command to be issued next.
It is necessary to keep idle time of certain cycles for SDRAM before issuing PALL command after
power-on. Refer the manual of the SDRAM for the idle time to be needed. When the pulse width
of the reset signal is longer then the idle time, mode register setting can be started immediately
after the reset, but care should be taken when the pulse width of the reset signal is shorter than the
idle time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com