Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 477 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 477 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 473Page - Renesas Technology Corp SH7713 Datasheet HTML 474Page - Renesas Technology Corp SH7713 Datasheet HTML 475Page - Renesas Technology Corp SH7713 Datasheet HTML 476Page - Renesas Technology Corp SH7713 Datasheet HTML 477Page - Renesas Technology Corp SH7713 Datasheet HTML 478Page - Renesas Technology Corp SH7713 Datasheet HTML 479Page - Renesas Technology Corp SH7713 Datasheet HTML 480Page - Renesas Technology Corp SH7713 Datasheet HTML 481Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 437 of 860
REJ09B0288-0150
CKIO
A25 to A0
CSn
RD/
WR
RAS
DQMxx
D31 to D0
BS
Tpw
DACKn*2
Tp
Trr
A12/A11*1
CAS
Notes: 1. Address pin to be connected to the A10 pin of SDRAM.
2. The waveform for DACKn is when active low is specified.
Trc
Trc
Tmw
Hi-Z
Tnop
Trc
Trr
Trc
REF
REF
MRS
PALL
Figure 12.29 Write Timing for SDRAM Mode Register (Based on JEDEC)
Low-Power SDRAM: The low-power SDRAM can be accessed using the same protocol as the
normal SDRAM. The differences between the low-power SDRAM and normal SDRAM are that
partial refresh takes place that puts only a part of the SDRAM in the self-refresh state during the
self-refresh function, and that power consumption is low during refresh under user conditions such
as the operating temperature. The partial refresh is effective in systems in which data in a work
area other than the specific area can be lost without severe repercussions. For details, refer to the
data sheet for the low-power SDRAM to be used.
The low-power SDRAM supports the extension mode register (EMRS) in addition to the mode
registers as the normal SDRAM. This LSI supports issuing of the EMRS command.
The EMRS command is issued according to the conditions specified in table 12.20. For example,
if data H'0YYYYYYY is written to address H’A4FD5XXX in long-word, the commands are
issued to the CS3 space in the following sequence: PALL -> REF x 8 -> MRS -> EMRS. In this
case, the MRS and EMRS issue addresses are H'0000XXX and H'YYYYYYY, respectively. If
data H'1YYYYYYY is written to address H'A4FD5XXX in long-word, the commands are issued
to the CS3 space in the following sequence: PALL -> MRS -> EMRS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com