Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 473 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 473 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 469Page - Renesas Technology Corp SH7713 Datasheet HTML 470Page - Renesas Technology Corp SH7713 Datasheet HTML 471Page - Renesas Technology Corp SH7713 Datasheet HTML 472Page - Renesas Technology Corp SH7713 Datasheet HTML 473Page - Renesas Technology Corp SH7713 Datasheet HTML 474Page - Renesas Technology Corp SH7713 Datasheet HTML 475Page - Renesas Technology Corp SH7713 Datasheet HTML 476Page - Renesas Technology Corp SH7713 Datasheet HTML 477Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 473 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 433 of 860
REJ09B0288-0150
Figure 12.27 shows the access timing in low-frequency mode. In this mode, commands, addresses,
and write data are output in synchronization with the falling edge of CKIO, which is half a cycle
delayed than the normal timing. Read data is fetched at the rising edge of CKIO, which is half a
cycle faster than the normal timing. This timing allows the hold time of commands, addresses,
write data, and read data to be extended.
If SDRAM is operated at a high frequency with the SLOW bit set to 1, the setup time of
commands, addresses, write data, and read data are not guaranteed. Take the operating frequency
and timing design into consideration when making the SLOW bit setting.
CKIO
A25 to A0
CSn
RD/
WR
D31 to D0
BS
Tc1
DACKn*2
Tr
Td1
A12/A11*1
Tde
Tap
Tr
Tc1
Tnop
Trwl
Tap
CKE
RAS
DQMxx
CAS
Notes: 1. Address pin to be connected to the A10 pin of SDRAM.
2. The waveform for DACKn is when active low is specified.
(High)
Figure 12.27 Access Timing in Low-Frequency Mode
Power-Down Mode: If the PDOWN bit in SDCR is set to 1, the SDRAM is placed in the power-
down mode by bringing the CKE signal to the low level in the non-access cycle. This power-down
mode can effectively lower the power consumption in the non-access cycle. However, please note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com