Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 471 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 471 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 467Page - Renesas Technology Corp SH7713 Datasheet HTML 468Page - Renesas Technology Corp SH7713 Datasheet HTML 469Page - Renesas Technology Corp SH7713 Datasheet HTML 470Page - Renesas Technology Corp SH7713 Datasheet HTML 471Page - Renesas Technology Corp SH7713 Datasheet HTML 472Page - Renesas Technology Corp SH7713 Datasheet HTML 473Page - Renesas Technology Corp SH7713 Datasheet HTML 474Page - Renesas Technology Corp SH7713 Datasheet HTML 475Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 471 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 431 of 860
REJ09B0288-0150
Self-refresh timing is shown in figure 12.26. Settings must be made so that self-refresh
clearing and data retention are performed correctly, and auto-refreshing is performed at the
correct intervals. When self-refreshing is activated from the state in which auto-refreshing is
set, or when exiting standby mode other than through a power-on reset, auto-refreshing is
restarted if the RFSH bit is set to 1 and the RMODE bit is cleared to 0 when self-refresh mode
is cleared. If the transition from clearing of self-refresh mode to the start of auto-refreshing
takes time, this time should be taken into consideration when setting the initial value of
RTCNT. Making the RTCNT value 1 less than the RTCOR value will enable refreshing to be
started immediately.
After self-refreshing has been set, the self-refresh state continues even if the chip standby state
is entered using the LSI standby function, and is maintained even after recovery from standby
mode by an interrupt.
The self-refresh state is not cleared by a manual reset.
In case of a power-on reset, the bus state controller’s registers are initialized, and therefore the
self-refresh state is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com