Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 474 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 474 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 470Page - Renesas Technology Corp SH7713 Datasheet HTML 471Page - Renesas Technology Corp SH7713 Datasheet HTML 472Page - Renesas Technology Corp SH7713 Datasheet HTML 473Page - Renesas Technology Corp SH7713 Datasheet HTML 474Page - Renesas Technology Corp SH7713 Datasheet HTML 475Page - Renesas Technology Corp SH7713 Datasheet HTML 476Page - Renesas Technology Corp SH7713 Datasheet HTML 477Page - Renesas Technology Corp SH7713 Datasheet HTML 478Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 434 of 860
REJ09B0288-0150
that if an access occurs in power-down mode, a cycle of overhead occurs because a cycle that
asserts the CKE in order to cancel power-down mode is inserted.
Figure 12.28 shows the access timing in power-down mode.
CKIO
A25 to A0
CSn
RD/
WR
D31 to D0
BS
Tnop
DACKn*2
Power-down
Tr
A12/A11*1
Tc1
Td1
Tde
Tap
Power-down
CKE
RAS
DQMxx
CAS
Notes: 1.Address pin to be connected to the A10 pin of SDRAM.
2. The waveform for DACKn is when active low is specified.
Figure 12.28 Access Timing in Power-Down Mode
Power-On Sequence: In order to use synchronous DRAM, mode setting must first be performed
after powering on. To perform synchronous DRAM initialization correctly, the bus state controller
registers must first be set, followed by a write to the synchronous DRAM mode register. In
synchronous DRAM mode register setting, the address signal value at that time is latched by a
combination of the
CSn, RAS, CAS, and RD/WR signals. If the value to be set is X, the bus state
controller provides for value X to be written to the synchronous DRAM mode register by
performing a write to address H'A4FD4000 + X for area 2 synchronous DRAM, and to address
H'A4FD5000 + X for area 3 synchronous DRAM. In this operation the data is ignored, but the
mode write is performed as a byte-size access. To set burst read/single write, CAS latency 2 to 3,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com