Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 470 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 470 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 466Page - Renesas Technology Corp SH7713 Datasheet HTML 467Page - Renesas Technology Corp SH7713 Datasheet HTML 468Page - Renesas Technology Corp SH7713 Datasheet HTML 469Page - Renesas Technology Corp SH7713 Datasheet HTML 470Page - Renesas Technology Corp SH7713 Datasheet HTML 471Page - Renesas Technology Corp SH7713 Datasheet HTML 472Page - Renesas Technology Corp SH7713 Datasheet HTML 473Page - Renesas Technology Corp SH7713 Datasheet HTML 474Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 470 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 430 of 860
REJ09B0288-0150
CKIO
A25 to A0
CSn
RD/
WR
D31 to D0
BS
Tpw
DACKn*2
Tp
Trr
A12/A11*1
Trc
Trc
Trc
Hi-z
RAS
DQMxx
CAS
Notes: 1. Address pin to be connected to the A10 pin of SDRAM.
2. The waveform for DACKn is when active low is specified.
Figure 12.25 Auto-Refresh Timing
2. Self-refreshing
Self-refresh mode in which the refresh timing and refresh addresses are generated within the
synchronous DRAM. Self-refreshing is activated by setting both the RMODE bit and the
RFSH bit in SDCR to 1. After starting the self-refreshing, PALL command is issued in Tp
cycle after the completion of the pre-charging bank. A SELF command is then issued after
inserting idle cycles of which number is specified by the TRP[1:0] bits in CSnWSR.
Synchronous DRAM cannot be accessed while in the self-refresh state. Self-refresh mode is
cleared by clearing the RMODE bit to 0. After self-refresh mode has been cleared, command
issuance is disabled for the number of cycles specified by the TRC[1:0] bits in CSnWCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com